Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD632 Datasheet(PDF) 9 Page - Analog Devices

Part # AD632
Description  Internally Trimmed Precision IC Multiplier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD632_15 Datasheet HTML 5Page - Analog Devices AD632_15 Datasheet HTML 6Page - Analog Devices AD632_15 Datasheet HTML 7Page - Analog Devices AD632_15 Datasheet HTML 8Page - Analog Devices AD632_15 Datasheet HTML 9Page - Analog Devices AD632_15 Datasheet HTML 10Page - Analog Devices AD632_15 Datasheet HTML 11Page - Analog Devices AD632_15 Datasheet HTML 12Page - Analog Devices AD632_15 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD632
Data Sheet
Rev. D | Page 8 of 12
OPERATION AS A MULTIPLIER
Figure 7 shows the basic connection for multiplication. Note
that the circuit meets all specifications without trimming.
Figure 7. Basic Multiplier Connection
When needed, the user can reduce ac feedthrough to a minimum
(as in a suppressed carrier modulator) by applying an external
trim voltage (±30 mV range required) to the X or Y input. Figure 4
shows the typical ac feedthrough with this adjustment mode.
Note that the feedthrough of the Y input is a factor of 10 lower
than that of the X input and is to be used for applications where
null suppression is critical.
The Z2 terminal of the AD632 can be used to sum an additional
signal into the output. In this mode, the output amplifier behaves
as a voltage follower with a 1 MHz small signal bandwidth and
a 20 V/μs slew rate. Always reference this terminal to the ground
point of the driven system, particularly if this is remote. Like-
wise, reference the differential inputs to their respective signal
common potentials to realize the full accuracy of the AD632.
A much lower scaling voltage can be achieved without any reduc-
tion of input signal range using a feedback attenuator, as shown
in Figure 8. In this example, the scale is such that VOUT = XY, so
that the circuit can exhibit a maximum gain of 10. This connection
results in a reduction of bandwidth to about 80 kHz without the
peaking capacitor, CF. In addition, the output offset voltage is
increased by a factor of 10 making external adjustments necessary
in some applications.
Feedback attenuation also retains the capability for adding a
signal to the output. Signals can be applied to the Z terminal,
where they are amplified by −10, or to the common ground
connection where they are amplified by −1. Input signals can
also be applied to the lower end of the 2.7 kΩ resistor, giving a
gain of +9.
Figure 8. Connections for Scale Factor of Unity
X1
+VS
X2
VOS
OUT
Z1
Z2
Y1
Y2
–VS
–15V
+15V
X INPUT
±10V FS
±12V PK
Y INPUT
±10V FS
±12V PK
OUTPUT, ±12V PK
(X1 – X2) (Y1 – Y2)
OPTIONAL SUMMING
INPUT, Z, ±10V PK;
VOS TERMINAL
NOT USED
10
+ Z2
=
X1
+VS
X2
OUT
Z1
Z2
VOS
Y1
Y2
–VS
–15V
+15V
X INPUT
±10V FS
±12V PK
Y INPUT
±10V FS
±12V PK
OUTPUT, ±12V PK
= (X1 – X2) (Y1 – Y2)
(SCALE = 1)


Similar Part No. - AD632_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632A AD-AD632A Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD632AD AD-AD632AD Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD632AD AD-AD632AD Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632AH AD-AD632AH Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results

Similar Description - AD632_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com