Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT16841CTPV Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT54FCT16841CTPV
Description  FAST CMOS 20-BIT TRANSPARENT LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16841CTPV Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT54FCT16841CTPV Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16841CTPV Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT54/74FCT16841AT/BT/CT/ET, 162841AT/BT/CT/ET
FAST CMOS 20-BIT TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.18
9
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
54
74
–55
°C to +125°C
–40
°C to +85°C
Blank
B
PV
PA
PF
E
16841AT
16841BT
16841CT
16841ET
162841AT
162841BT
162841CT
162841ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
Non-Inverting 20-Bit Transparent Latch
FCT
2556 drw 10


Similar Part No. - IDT54FCT16841CTPV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16823AT IDT-IDT54FCT16823AT Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATE IDT-IDT54FCT16823ATE Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATEB IDT-IDT54FCT16823ATEB Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATPA IDT-IDT54FCT16823ATPA Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT54FCT16823ATPAB IDT-IDT54FCT16823ATPAB Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
More results

Similar Description - IDT54FCT16841CTPV

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
   Fast CMOS 20-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
NEC
UPD71083 NEC-UPD71083 Datasheet
152Kb / 4P
   CMOS 8-bit transparent latches with three output buffers
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com