Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT645P Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT645P
Description  FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT645P Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT645P Datasheet HTML 1Page - Integrated Device Technology IDT54FCT645P Datasheet HTML 2Page - Integrated Device Technology IDT54FCT645P Datasheet HTML 3Page - Integrated Device Technology IDT54FCT645P Datasheet HTML 4Page - Integrated Device Technology IDT54FCT645P Datasheet HTML 5Page - Integrated Device Technology IDT54FCT645P Datasheet HTML 6Page - Integrated Device Technology IDT54FCT645P Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.9
DSC-4201/3
®
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a registered trademark of National Semiconductor Co.
DIP/SOIC/CERPACK
TOP VIEW
FAST CMOS OCTAL
BIDIRECTIONAL
TRANSCEIVERS
IDT54/74FCT245/A/C
IDT54/74FCT640/A/C
IDT54/74FCT645/A/C
FEATURES:
• IDT54/74FCT245/640/645 equivalent to FAST
™ speed
and drive
• IDT54/74FCT245A/640A/645A 25% faster than FAST
• IDT54/74FCT245C/640C/645C 40% faster than FAST
• TTL input and output level compatible
• CMOS output level compatible
•IOL = 64mA (commercial) and 48mA (military)
• Input current levels only 5
µA max.
• CMOS power levels (2.5mW typical static)
• Direction control and over-riding 3-state control
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B and
DESC listed
• Meets or exceeds JEDEC Standard 18 specifications
DESCRIPTION:
The IDT octal bidirectional transceivers are built using an
advanced dual metal CMOS technology.
The IDT54/
74FCT245/A/C, IDT54/74FCT640/A/C and IDT54/74FCT645/
A/C are designed for asynchronous two-way communication
between data buses. The transmit/receive (T/
R) input deter-
mines the direction of data flow through the bidirectional
transceiver. Transmit (active HIGH) enables data from A
ports to B ports, and receive (active LOW) from B ports to A
ports. The output enable (
OE) input, when HIGH, disables
both A and B ports by placing them in High-Z condition.
The IDT54/74FCT245/A/C and IDT54/74FCT645/A/C
transceivers have non-inverting outputs. The IDT54/
74FCT640/A/C has inverting outputs.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
2534 drw 02
A
B0
0
T/R
OE
A
B1
1
A
B2
2
A
B3
3
A
B4
4
A
B5
5
A
B6
6
A
B7
7
5
6
7
8
9
10
A1
A2
A3
1
2
3
4
20
19
18
17
16
15
14
13
Vcc
12
11
T/R
B1
A4
A5
A6
A7
OE
B2
B3
B4
B5
B6
GND
B7
A0
B0
P20-1
D20-1
SO20-2
&
E20-1
2534 drw 01
INDEX
B0
B1
B2
B3
B4
A2
A3
A4
A5
A6
15
14
18
17
16
5
6
7
8
9
10 11 12
1
4
32
20
13
19
L20-2
LCC
TOP VIEW
NOTES:
1. FCT245, 645 are noninverting options.
2. FCT640 is the inverting option.
1


Similar Part No. - IDT54FCT645P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT645AT IDT-IDT54FCT645AT Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT645ATD IDT-IDT54FCT645ATD Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT645ATDB IDT-IDT54FCT645ATDB Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT645ATE IDT-IDT54FCT645ATE Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT645ATEB IDT-IDT54FCT645ATEB Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT54FCT645P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com