Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162H272ETPFB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT74FCT162H272ETPFB
Description  FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162H272ETPFB Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT74FCT162H272ETPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5.5
8
IDT54/74FCT162H272AT/CT/ET
FAST CMOS 12-BIT SYNCHRONOUS TRI-PORT BUS EXCHANGER
MILITARY AND COMMERCIAL TEMPERATURES RANGES
ORDERING INFORMATION
3071 drw 09
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
Blank
B
Commercial
MIL-STD-883, Class B
PV
PA
PF
E
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
272AT
272CT
272ET
12-Bit Synchronous Tri-Port Bus Exchanger
-55
°C to +125°C
-40
°C to +85°C
54
74
IDT
FCT
X
Drive
X
Bus Hold
H
Bus Hold
162
16-Bit Balanced Drive


Similar Part No. - IDT74FCT162H272ETPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162H244AT IDT-IDT74FCT162H244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATE IDT-IDT74FCT162H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATEB IDT-IDT74FCT162H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATPA IDT-IDT74FCT162H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATPAB IDT-IDT74FCT162H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT162H272ETPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16260AT IDT-IDT74FCT16260AT Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
logo
Pericom Semiconductor C...
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
   12-Bit To 24-Bit Registered Bus Exchanger
logo
Integrated Device Techn...
IDT74ALVCH16270 IDT-IDT74ALVCH16270 Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com