Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT245APY Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT54FCT245APY
Description  3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT245APY Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT54FCT245APY Datasheet HTML 1Page - Integrated Device Technology IDT54FCT245APY Datasheet HTML 2Page - Integrated Device Technology IDT54FCT245APY Datasheet HTML 3Page - Integrated Device Technology IDT54FCT245APY Datasheet HTML 4Page - Integrated Device Technology IDT54FCT245APY Datasheet HTML 5Page - Integrated Device Technology IDT54FCT245APY Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IDT54/74FCT3245/A
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
8.12
3
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 2.7V to 3.6V; Military: TA = –55°C to +125°C, VCC = 2.7V to 3.6V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2.0
5.5
V
Input HIGH Level (I/O pins)
2.0
VCC+0.5
VIL
Input LOW Level
Guaranteed Logic LOW Level
–0.5
0.8
V
(Input and I/O pins)
II H
Input HIGH Current (Input pins)(6)
VCC = Max.
VI = 5.5V
±1
µA
Input HIGH Current (I/O pins)(6)
VI = VCC
±1
II L
Input LOW Current (Input pins)(6)
VI = GND
±1
Input LOW Current (I/O pins)(6)
VI = GND
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
±1
µA
IOZL
(3-State Output pins)(6)
VO = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
0.7
1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3)
50
90
200
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –0.1mA
VCC0.2
V
VIN = VIH or VIL
IOH = –3mA
2.4
3.0
VCC = 3.0V
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4(5)
3.0
VOL
Output LOW Voltage
VCC = Min.
IOL = 0.1mA
0.2
V
VIN = VIH or VIL
IOL = 16mA
0.2
0.4
IOL = 24mA
0.3
0.55
VCC = 3.0V
VIN = VIH or VIL
IOL = 24mA
0.3
0.50
IOS
Short Circuit Current(4)
VCC = Max., VO = GND(3)
–60
135
–240
mA
VH
Input Hysteresis
150
mV
ICCL
ICCH
Quiescent Power Supply Current
VCC = Max.,
VIN = GND or VCC
COM'L.
0.1
10
µA
ICCZ
MIL.
0.1
100
2650 lnk 05
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, +25
°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC –0.6V at rated current.
6. The test limits for this parameter is
± 5µA at TA = –55°C.


Similar Part No. - IDT54FCT245APY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT245AP IDT-IDT54FCT245AP Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245APB IDT-IDT54FCT245APB Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT54FCT245APY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
logo
Renesas Technology Corp
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
List of Unclassifed Man...
AM7307 ETC1-AM7307 Datasheet
367Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
AM7303 ETC1-AM7303 Datasheet
442Kb / 6P
   OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com