Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7201LA65TD Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7201LA65TD
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7201LA65TD Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7201LA65TD Datasheet HTML 1Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 2Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 3Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 4Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 5Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 6Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 7Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 8Page - Integrated Device Technology IDT7201LA65TD Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
IDT7200/7201A/7202A CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
W
D8
VCC
D4
1
2
28
27
D3
D5
326
D2
D6
425
D1
D7
524
D0
FL/RT
623
XI
RS
722
FF
EF
821
Q0
XO/HF
920
Q1
Q7
10
19
Q2
Q6
11
18
Q3
Q5
12
17
Q8
Q4
13
16
GND
R
14
15
2679 drw 02a
Reference
Order
Identifier
Code
PLASTIC DIP
(1)
P28-1
P
PLASTIC THIN DIP
P28-2
TP
CERDIP
(1)
D28-1
D
THIN CERDIP
D28-3
TD
SOIC
SO28-3
SO
CERPAK
(1)
E28-2
XE
TOP VIEW
CAPACITANCE (TA = +25
°C, f = 1.0 MHz)
Symbol
Parameter
(1)
Condition
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
NOTE:
2679 tbl 02
1. This parameter is sampled and not 100% tested.
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4
3
2
1
32 31 30
14 15 16 17 18 19 20
INDEX
2679 drw 02b
Reference
Order
Identifier
Code
LCC
(1)
L32- 1
L
PLCC
J32-1
J
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com’l & Ind'l
Mil.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TSTG
Storage
–55 to +125
–65 to +155
°C
Temperature
IOUT
DC Output
–50 to +50
–50 to +50
mA
Current
NOTE:
2679 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliabilty.
RECOMMENDED OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCCM
Military Supply
4.5
5.0
5.5
V
Voltage
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage
2.0
V
Commercial
VIH(1)
Input High Voltage
2.2
V
Military
VIL(2)
Input Low Voltage
0.8
V
Commercial and
Military
TA
Operating Temperature
0
70
°C
Commercial
TA
Operating Temperature
–40
85
°C
Industrial
TA
Operating Temperature
–55
125
°C
Military
NOTES:
2679 tbl 03
1. VIH = 2.6V for
XI input (commercial).
VIH = 2.8V for
XI input (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
NOTE:
1. The 600-mil-wide DIP (P28-1 and D28-1), CERPACK and LCC are not available for the 7200.


Similar Part No. - IDT7201LA65TD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7201LA ETC2-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results

Similar Description - IDT7201LA65TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com