Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT3573PY Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT3573PY
Description  3.3V CMOS OCTAL TRANSPARENT LATCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT3573PY Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT3573PY Datasheet HTML 1Page - Integrated Device Technology IDT74FCT3573PY Datasheet HTML 2Page - Integrated Device Technology IDT74FCT3573PY Datasheet HTML 3Page - Integrated Device Technology IDT74FCT3573PY Datasheet HTML 4Page - Integrated Device Technology IDT74FCT3573PY Datasheet HTML 5Page - Integrated Device Technology IDT74FCT3573PY Datasheet HTML 6Page - Integrated Device Technology IDT74FCT3573PY Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1995
©1995 Integrated Device Technology, Inc.
8.13
DSC-4648/-
Integrated Device Technology, Inc.
DESCRIPTION:
The FCT3573/A are octal transparent latches built using an
advanced dual metal CMOS technology.
These octal latches have 3-state outputs and are intended
for bus oriented applications. The flip-flops appear transpar-
ent to the data when Latch Enable (LE) is HIGH. When LE is
LOW, the data that meets the set-up time is latched. Data
appears on the bus when the Output Enable (
OE) is LOW.
When
OE is HIGH, the bus output is in the high-impedance
state.
IDT54/74FCT3573/A
ADVANCE INFORMATION
3.3V CMOS OCTAL
TRANSPARENT
LATCHES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• 25 mil Center SSOP Packages
• Extended commercial range of -40
°C to +85°C
•VCC = 3.3V
±0.3V, Normal Range or
VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
µW typ. static)
• Rail-to-Rail output swing for increased noise margin
• Military product compliant to MIL-STD-883, Class B
FUNCTIONAL BLOCK DIAGRAM
D0
D
O
G
O0
D1
D
O
G
O1
D2
D
O
G
O2
D3
D
O
G
O3
D4
D
O
G
O4
D5
D
O
G
O5
D6
D
O
G
O6
D7
D
O
G
O7
LE
OE
3093 drw 01
PIN CONFIGURATION
FUNCTION TABLE
(1)
3093 tbl 02
Inputs
Outputs
DN
LE
OE
OE
ON
HH
L
H
LH
L
L
XXH
Z
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
DIP/SOIC/SSOP
TOP VIEW
D0
D1
D2
D3
D4
D5
D6
D7
GND
O0
O1
O2
O3
O4
O6
LE
O5
O7
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
P20-1
D20-1
SO20-2
&
SO20-7
OE
3093 drw 02
DEFINITION OF FUNCTIONAL TERMS
3093 tbl 03
Pin Names
Description
DN
Data Inputs
LE
Latch Enable Input (Active HIGH)
OE
Output Enable Input (Active LOW)
ON
3-State Outputs
ON
Complementary 3-State Outputs


Similar Part No. - IDT74FCT3573PY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
IDT74FCT3573A RENESAS-IDT74FCT3573A Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
IDT74FCT3573AOG RENESAS-IDT74FCT3573AOG Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
More results

Similar Description - IDT74FCT3573PY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373 IDT-IDT74FCT373 Datasheet
160Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
logo
Renesas Technology Corp
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
logo
Texas Instruments
SN54ALS373A TI1-SN54ALS373A_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com