Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT621AT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT621AT
Description  FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT621AT Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT621AT Datasheet HTML 1Page - Integrated Device Technology IDT54FCT621AT Datasheet HTML 2Page - Integrated Device Technology IDT54FCT621AT Datasheet HTML 3Page - Integrated Device Technology IDT54FCT621AT Datasheet HTML 4Page - Integrated Device Technology IDT54FCT621AT Datasheet HTML 5Page - Integrated Device Technology IDT54FCT621AT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IDT54/74FCT621T/AT
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.18
2
PIN DESCRIPTION
Pin Names
Description
GBA, GAB
Enable Inputs
A1 – A8
A Inputs or Open-drain Outputs
B1 – B8
B Inputs or Open-drain Outputs
2538 tbl 01
FUNCTION TABLE
(1)
Enable Inputs
G
GBA
GAB
Function
L
L
B data to A bus
H
H
A data to B bus
H
L
OFF
L
H
B data to A bus
A data to B bus
NOTE:
2538 tbl 02
1. H = HIGH Voltage Level.
L = LOW Voltage Level.
OFF = HIGH if pull-up resistor is connected to Open-Drain output.
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
2538 lnk 03
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2538 lnk 04
NOTE:
1. This parameter is measured at characterization but not tested.


Similar Part No. - IDT54FCT621AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT623AT IDT-IDT54FCT623AT Datasheet
102Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
IDT54FCT623ATD IDT-IDT54FCT623ATD Datasheet
102Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
IDT54FCT623ATDB IDT-IDT54FCT623ATDB Datasheet
102Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
IDT54FCT623ATE IDT-IDT54FCT623ATE Datasheet
102Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
IDT54FCT623ATEB IDT-IDT54FCT623ATEB Datasheet
102Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
More results

Similar Description - IDT54FCT621AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
   CMOS Octal Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com