Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT533C Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT533C
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT533C Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT533C Datasheet HTML 1Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 2Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 3Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 4Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 5Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 6Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 7Page - Integrated Device Technology IDT54FCT533C Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7.12
5
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
NOTES:
2602 tbl 04
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
VIN
≥ VHC; V IN ≤ VLC
0.2
1.5
mA
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
OE = GND
One Input Toggling
50% Duty Cycle
VIN
≥ VHC
VIN
≤ VLC
0.15
0.25
mA/
MHz
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
fi = 10MHz
VIN
≥ VHC
VIN
≤ VLC
(FCT)
1.7
4.0
mA
50% Duty Cycle
OE = GND
LE = VCC
One Bit Toggling
VIN = 3.4V
VIN = GND
2.0
5.0
VCC = Max.
Outputs Open
fi = 2.5MHz
VIN
≥ VHC
VIN
≤ VLC
(FCT)
3.2
6.5(5)
50% Duty Cycle
OE = GND
LE = VCC
Eight Bits Toggling
VIN = 3.4V
VIN = GND
5.2
14.5(5)


Similar Part No. - IDT54FCT533C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT533CT IDT-IDT54FCT533CT Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT533CTD IDT-IDT54FCT533CTD Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT533CTDB IDT-IDT54FCT533CTDB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT533CTE IDT-IDT54FCT533CTE Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT533CTEB IDT-IDT54FCT533CTEB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT533C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com