Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1800GR-9JG Datasheet(PDF) 3 Page - NEC

Part # UPA1800GR-9JG
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1800GR-9JG Datasheet(HTML) 3 Page - NEC

  UPA1800GR-9JG Datasheet HTML 1Page - NEC UPA1800GR-9JG Datasheet HTML 2Page - NEC UPA1800GR-9JG Datasheet HTML 3Page - NEC UPA1800GR-9JG Datasheet HTML 4Page - NEC UPA1800GR-9JG Datasheet HTML 5Page - NEC UPA1800GR-9JG Datasheet HTML 6Page - NEC UPA1800GR-9JG Datasheet HTML 7Page - NEC UPA1800GR-9JG Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D11407EJ1V0DS00
3
µµµµPA1800
TYPICAL CHARACTERISTICS (TA = 25
°°°°C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
10
100
1
VDS - Drain to Source Voltage - V
100
10
1
0.1
0.01
0.1
RDS(on)
Limited
(@V
GS
= 10
V)
100
m
s
10
ms
PW
=1
m
s
ID(pulse)
ID(DC)
TA = 25˚C
Single Pulse
Mounted on Ceramic
Substrate of 50cm x 1.1 mm
2
DC
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.2
0
0.8
1.0
0.4
0.6
0
20
15
5
10
Pulsed
VGS = 4.5 V
VGS = 2.5 V
VGS = 4.0 V
100
10
1
0.1
0.01
0.001
0.0001
0
0.5
1
1.5
2
2.5
3
VGS - Gate to Source Voltage - V
VDS = 10 V
TRANSFER CHARACTERISTICS
TA = 125˚C
75˚C
−25˚C
25˚C
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
−50
50
100
0
150
1.5
2.0
1.0
0.5
1
10
100
0.01
0.1
VDS = 10 V
ID - Drain Current - A
25˚C
75˚C
125˚C
1
10
0.1
0.01
0.001
100
FORWARD TRANSFER ADMMITTANCE vs.
DRAIN CURRENT
TA =
−25˚C
5


Similar Part No. - UPA1800GR-9JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1800GR-9JG RENESAS-UPA1800GR-9JG Datasheet
227Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - UPA1800GR-9JG

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com