Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1801 Datasheet(PDF) 2 Page - NEC

Part # UPA1801
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1801 Datasheet(HTML) 2 Page - NEC

  UPA1801 Datasheet HTML 1Page - NEC UPA1801 Datasheet HTML 2Page - NEC UPA1801 Datasheet HTML 3Page - NEC UPA1801 Datasheet HTML 4Page - NEC UPA1801 Datasheet HTML 5Page - NEC UPA1801 Datasheet HTML 6Page - NEC UPA1801 Datasheet HTML 7Page - NEC UPA1801 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D12135EJ1V0DS00
2
µµµµPA1801
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V10
µA
Gate Leakage Current
IGSS
VGS = ±8.0 V, VDS = 0 V±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
0.5
0.7
1.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 3.0 A1.0
13
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 4.5 V, ID = 3.0 A16
24
m
RDS(on)2
VGS = 4.0 V, ID = 3.0 A
16.5
25
m
RDS(on)3
VGS = 2.5 V, ID = 3.0 A21
34
m
Input Capacitance
Ciss
VDS = 10 V
970
pF
Output Capacitance
Coss
VGS = 0 V
700
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
320
pF
Turn-on Delay Time
td(on)
VDD = 10 V30
ns
Rise Time
tr
ID = 3.0 A95
ns
Turn-off Delay Time
td(off)
VGS(on) = 4.0 V90
ns
Fall Time
tf
RG = 10
100
ns
Total Gate Charge
QG
VDD = 10 V21
nC
Gate to Source Charge
QGS
ID = 6.0 A2
nC
Gate to Drain Charge
QGD
VGS = 4.0 V9
nC
Diode Forward Voltage
VF(S-D)
IF = 6.0 A, VGS = 0 V0.75
V
Reverse Recovery Time
trr
95
ns
Reverse Recovery Charge
Qrr
IF = 6.0 A, VGS = 0 V
di/dt = 100 A/
µS
97
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr
td(off)
tf
10 %
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - UPA1801

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1801 RENESAS-UPA1801 Datasheet
233Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
UPA1801GR-9JG RENESAS-UPA1801GR-9JG Datasheet
233Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - UPA1801

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com