Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT543AP Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT543AP
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT543AP Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT543AP Datasheet HTML 1Page - Integrated Device Technology IDT54FCT543AP Datasheet HTML 2Page - Integrated Device Technology IDT54FCT543AP Datasheet HTML 3Page - Integrated Device Technology IDT54FCT543AP Datasheet HTML 4Page - Integrated Device Technology IDT54FCT543AP Datasheet HTML 5Page - Integrated Device Technology IDT54FCT543AP Datasheet HTML 6Page - Integrated Device Technology IDT54FCT543AP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT54/74FCT543/A/C
FAST CMOS OCTAL LATCHED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.17
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT54/74FCT543
IDT54/74FCT543A
IDT54/74FCT543C
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Symbol
Parameter
Condition
(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
Propagation Delay
CL = 50pF
2.5
8.5
2.5
10.0
2.5
6.5
2.5
7.5
2.5
5.3
2.5
6.1
ns
tPHL
Transparent Mode
RL = 500
An to Bn or Bn to An
tPLH
Propagation Delay
2.5
12.5
2.5
14.0
2.5
8.0
2.5
9.0
2.5
7.0
2.5
8.0
ns
tPHL
LEBA to An, LEAB to Bn
tPZH
Output Enable Time
2.0
12.0
2.0
14.0
2.0
9.0
2.0
10.0
2.0
8.0
2.0
9.0
ns
tPZL
OEBA or OEAB to An or Bn
CEBA or CEAB to An or Bn
tPHZ
Output Disable Time
2.0
9.0
2.0
13.0
2.0
7.5
2.0
8.5
2.0
6.5
2.0
7.5
ns
tPLZ
OEBA or OEAB to An or Bn
CEBA or CEAB to An or Bn
tSU
Set-up Time, HIGH or LOW
3.0
3.0
2.0
2.0
2.0
2.0
ns
An or Bn to
LEBA or LEAB
tH
Hold Time, HIGH or LOW
2.0
2.0
2.0
2.0
2.0
2.0
ns
An or Bn to
LEBA or LEAB
tW
LEBA or LEAB Pulse Width
5.0
5.0
5.0
5.0
5.0
5.0
ns
LOW
NOTES:
2513 tbl 07
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.


Similar Part No. - IDT54FCT543AP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT543AT IDT-IDT54FCT543AT Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543ATD IDT-IDT54FCT543ATD Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543ATDB IDT-IDT54FCT543ATDB Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543ATE IDT-IDT54FCT543ATE Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543ATEB IDT-IDT54FCT543ATEB Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results

Similar Description - IDT54FCT543AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT543AT RENESAS-74FCT543AT Datasheet
167Kb / 8P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
Feb.11.20
logo
Integrated Device Techn...
IDT74FCT543AT IDT-IDT74FCT543AT Datasheet
89Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543AT IDT-IDT74FCT543AT_06 Datasheet
75Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Integrated Device Techn...
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com