Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7142LA20C Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7142LA20C
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA20C Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7142LA20C Datasheet HTML 1Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 2Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 3Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 4Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 5Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 6Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 7Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 8Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. P48-1 package body is approximately .55 in x 2.43 in x .18 in.
C48-2 package body is approximately .62 in x 2.43 in x .15 in.
L48-1 package body is approximately .57 in x .57 in x .68 in.
F48-1 package body is approximately .75 in x .75 in x .11 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Description
TheIDT7132/IDT7142arehigh-speed2Kx8Dual-PortStaticRAMs.
TheIDT7132isdesignedtobeusedasastand-alone8-bitDual-PortRAM
or as a “MASTER” Dual-Port RAM together with the IDT7142 “SLAVE”
Dual-Portin16-bit-or-morewordwidthsystems.UsingtheIDTMASTER/
SLAVE Dual-Port RAM approach in 16-or-more-bit memory system
applicationsresultsinfull-speed,error-freeoperationwithouttheneedfor
additionaldiscretelogic.
Both devices provide two independent ports with separate control,
address,andl/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
feature,controlledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
FabricatedusingIDT’sCMOShigh-performancetechnology,these
devices typically operate on only 325mW of power. Low-power (LA)
versions offer battery backup data retention capability, with each Dual-
Port typically consuming 200µW from a 2V battery.
The IDT7132/7142 devices are packaged in a 48-pin sidebraze or
plastic DIPs, 48-pin LCCs, 52-pin PLCCs, and 48-lead flatpacks.
Military grade product is manufactured in compliance with the latest
revision of MIL-PRF-38535 QML, making it ideally suited to military
temperature applications demanding the highest level of performance
and reliability.
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
148
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
IDT7132/
7142
PorC
P48-1(4)
&
C48-2(4)
48-Pin
DIP
Top
View(5)
2692 drw 02
GND
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
I/O7L
I/O6L
I/O5L
I/O4L
CER
CEL
OEL
A0L
BUSYL
R/
WL
R/
WR
BUSYR
VCC
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
A10L
A10R
,
IDT7132/42L48 or F
L48-1(4)
&
F48-1(4)
48-Pin LCC/ Flatpack
Top View(5)
INDEX
65
43 2
1
48 47 46 45 44 43
19 20 21 22 23
25 26 27 28 29 30
24
42
41
40
39
38
37
36
35
34
33
32
31
7
8
9
10
11
12
13
14
15
16
17
18
2692 drw 03
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O6R
,
Capacitance(1) (TA = +25°C,f = 1.0MHz)
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV represents the interpolated capacitance when the input and output signals
switch from 3V to 0V.
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
11
pF
COUT
Output Capacitance
VOUT = 3dV
11
pF
2692 tbl 00


Similar Part No. - IDT7142LA20C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7142LA20C IDT-IDT7142LA20C Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
IDT7142LA20CB IDT-IDT7142LA20CB Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7142LA20C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71321SA RENESAS-71321SA Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT71V321S IDT-IDT71V321S_15 Datasheet
124Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT71V321S IDT-IDT71V321S_18 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
logo
Renesas Technology Corp
71V321 RENESAS-71V321 Datasheet
431Kb / 16P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
JULY 2019
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com