Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT742244ATP Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT742244ATP
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT742244ATP Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT742244ATP Datasheet HTML 1Page - Integrated Device Technology IDT742244ATP Datasheet HTML 2Page - Integrated Device Technology IDT742244ATP Datasheet HTML 3Page - Integrated Device Technology IDT742244ATP Datasheet HTML 4Page - Integrated Device Technology IDT742244ATP Datasheet HTML 5Page - Integrated Device Technology IDT742244ATP Datasheet HTML 6Page - Integrated Device Technology IDT742244ATP Datasheet HTML 7Page - Integrated Device Technology IDT742244ATP Datasheet HTML 8Page - Integrated Device Technology IDT742244ATP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
3
PIN DESCRIPTION
FUNCTION TABLE
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
2565 lnk 03
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
NOTES:
2565 tbl 02
1. H = High Voltage Level
X = Don’t Care
L = Low Voltage Level
Z = High Impedance
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
2565 lnk 04
NOTE:
1. This parameter is measured at characterization but not tested.
Pin Names
Description
OEA, OEB
3–State Output Enable Inputs (Active LOW)
Dxx
Inputs
Oxx
Outputs
2565 tbl 01
Inputs(1)
Outputs(1)
OE
OEA
OE
OEB
D
240
244
540
541
LLL
H
LH
L
LL
H
L
H
L
H
H
H
X
ZZZZ


Similar Part No. - IDT742244ATP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74541 IDT-IDT74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74541APG IDT-IDT74541APG Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541APY IDT-IDT74541APY Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541AQ IDT-IDT74541AQ Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541ASO IDT-IDT74541ASO Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT742244ATP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com