Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT821B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT821B
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT821B Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT821B Datasheet HTML 1Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 2Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 3Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 4Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 5Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 6Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 7Page - Integrated Device Technology IDT54FCT821B Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1992
©1992 Integrated Device Technology, Inc.
7.19
DSC-4618/2
®
IDT54/74FCT821A/B/C
IDT54/74FCT823A/B/C
IDT54/74FCT824A/B/C
IDT54/74FCT825A/B/C
HIGH-PERFORMANCE
CMOS BUS INTERFACE
REGISTERS
FEATURES:
• Equivalent to AMD’s Am29821-25 bipolar registers in
pinout/function, speed and output drive over full tem-
perature and voltage supply extremes
• IDT54/74FCT821A/823A/824A/825A equivalent to
FAST
™ speed
• IDT54/74FCT821B/823B/824B/825B 25% faster than
FAST
• IDT54/74FCT821C/823C/824C/825C 40% faster than
FAST
• Buffered common Clock Enable (
EN) and asynchronous
Clear input (
CLR)
•IOL = 48mA (commercial) and 32mA (military)
• Clamp diodes on all inputs for ringing suppression
• CMOS power levels (1mW typ. static)
• TTL input and output compatibility
• CMOS output level compatible
• Substantially lower input current levels than AMD’s
bipolar Am29800 series (5
µA max.)
• Product available in Radiation Tolerant and Radiation
Enhanced versions
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT54/74FCT800 series is built using an advanced
dual metal CMOS technology.
The IDT54/74FCT820 series bus interface registers are
designed to eliminate the extra packages required to buffer
existing registers and provide extra data width for wider
address/data paths or buses carrying parity. The IDT54/
74FCT821 are buffered, 10-bit wide versions of the popular
‘374 function. The IDT54/74FCT823 and IDT54/74FCT824
are 9-bit wide buffered registers with Clock Enable (
EN) and
Clear (
CLR) – ideal for parity bus interfacing in high-perform-
ance microprogrammed systems. The IDT54/74FCT825 are
8-bit buffered registers with all the ‘823 controls plus multiple
enables (
OE1, OE2, OE3) to allow multiuser control of the
interface, e.g.,
CS, DMA and RD/WR. They are ideal for use
as an output port requiring HIGH IOL/IOH.
All of the IDT54/74FCT800 high-performance interface
family are designed for high-capacitance load drive capability,
while providing low-capacitance bus loading at both inputs
and outputs. All inputs have clamp diodes and all outputs are
designed for low-capacitance bus loading in high-impedance
state.
FUNCTIONAL BLOCK DIAGRAMS
IDT54/74FCT821/823/825
IDT54/74FCT824
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.
2608 cnv* 01
2608 cnv* 02
D
CP Q
Q
CL
D
CP Q
Q
CL
D0
DN
Y0
YN
EN
CLR
CP
OE
D
CP Q
Q
CL
D
CP Q
Q
CL
D0
DN
Y0
YN
EN
CLR
CP
OE
1


Similar Part No. - IDT54FCT821B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT821BDSO IDT-IDT54FCT821BDSO Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821BDSOB IDT-IDT54FCT821BDSOB Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821BLSO IDT-IDT54FCT821BLSO Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821BLSOB IDT-IDT54FCT821BLSOB Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT821BT IDT-IDT54FCT821BT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT54FCT821B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com