Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-04 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # BAS40-04
Description  SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

BAS40-04 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  BAS40-04 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. BAS40-04 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBAS40-04
SCHOTTKY
SCHOTTKY
SCHOTTKY
SCHOTTKY
DIODE
DIODE
DIODE
DIODE
肖特基二極管(BA
(BA
(BA
(BA
S40-04
S40-04
S40-04
S40-04
)))
)
FEATURES
特點
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=
=
=
=
25
25
25
25
unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊說明,溫度爲 25℃)))
)
SOT-23
内部结构
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Power dissipation 耗散功率
PD(Ta=25)
225
mW
Forward Current 正向電流
IF
100
mA
Reverse Voltage 反向電壓
VR
40
V
Junction and Storage Temperature
結溫和儲藏溫度
TJ,Tstg
-55to+150
BA
BA
BA
BA
S40-04
S40-04
S40-04
S40-04
=
=
=
=
CB
CB
CB
CB
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Reverse Breakdown Voltage 反向擊穿電壓
(IR=10uA)
V(BR)
40
V
Reverse Leakage Current 反向漏電流
(VR=25V)
IR
1
uA
Forward Voltage(Test Condition)正向電壓
IF= 1mAdc
IF= 10mAdc
IF= 40mAdc
VF
380
500
1000
mV
Diode Capacitance 二極體電容
(VR=1V, f=1MHz)
CD
5
pF
Reverse Recovery Time 反向恢復時間
Trr
5
nS


Similar Part No. - BAS40-04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS40-04 ONSEMI-BAS40-04 Datasheet
45Kb / 4P
   SCHOTTKY BARRIER DIODES
March, 2004 ??Rev. 8
logo
Taiwan Semiconductor Co...
BAS40-04 TSC-BAS40-04 Datasheet
244Kb / 5P
   Low VF SMD Schottky Barrier Diode
logo
Diotec Semiconductor
BAS40-04 DIOTEC-BAS40-04 Datasheet
192Kb / 2P
   SMD Small Signal Schottky Diodes
logo
Diodes Incorporated
BAS40-04 DIODES-BAS40-04 Datasheet
257Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BAS40-04 TSC-BAS40-04 Datasheet
213Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
More results

Similar Description - BAS40-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com