Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN2060-16-06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FN2060-16-06
Description  1A - 30A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2060-16-06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FN2060-16-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2060-16-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2060-16-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN2060-16-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
24
EMC・パワークオリティー総合カタログ
1A
3A
6A
10A
12A
16A
20A
30A
公差
寸法
A
71
71
71
85
85
85
113.5 ±1
119 ±1
±0.5
B
46.6
46.6
46.6
54
54
54
57.5 ±1
85.5 ±1
±0.5
C
29.3
29.3
29.3
30.3
30.3
40.3
45.4 ±1
57.6 ±1
±0.5
D
50.5
50.5
50.5
64.8
64.8
64.8
94 ±1
98.5 ±1
±0.5
E
44.5
44.5
44.5
49.8
49.8
49.8
56
84.5
±0.5
F
61
61
61
75
75
75
103
109
±0.3
G
21
21
21
27
27
27
25
40
±0.2
H
10.8
10.8
10.8
12.3
12.3
12.3
12.4
15.6
±0.5
I
19.3
19.3
19.3
20.8
20.8
29.8
32.4
±0.5
J
20.1
20.1
20.1
19.9
19.9
11.4
15.5
42.25
±0.5
K
5.3
5.3
5.3
5.3
5.3
5.3
4.4
4.4
L
6.3
6.3
6.3
6.3
6.3
6.3
6
7.4
M
0.7
0.7
0.7
0.7
0.7
0.7
0.9
1.2
出力接続 -06
N
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
6.3 x 0.8
出力接続 -07
O
8.3
8.3
8.3
8.3
8.3
8.3
±0.5
P
14
14
14
14.9
14.9
14.9
±0.5
AWGサイズ
AWG 20
AWG 20
AWG 18
AWG 18
AWG 16
AWG 16
ケーブル長
140
140
140
140
140
140
+5
出力接続 -08
N
M4
M4
M4
Q
51
±0.2
寸法の単位は全てmmです。
(1 inch = 25.4mm)
公差はISO 2768-m / EN 22768-mを準拠しています。
> FN 2060


Similar Part No. - FN2060-16-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2060-12-06 ETC2-FN2060-12-06 Datasheet
236Kb / 5P
   Multi-stage General Purpose EMI Filter Single-Phase Filters FN 2060
More results

Similar Description - FN2060-16-06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays
logo
Panasonic Battery Group
JTV PANASONICBATTERY-JTV Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
logo
Panasonic Semiconductor
JTV1AS-PA-12V PANASONIC-JTV1AS-PA-12V Datasheet
90Kb / 4P
   Surge withstand voltage: 6kV 1a/1c 30A power relays
JTV1AS-PA-24V PANASONIC-JTV1AS-PA-24V Datasheet
90Kb / 4P
   Surge withstand voltage 6kV 1a/1c 30A power relays
HE1AN-AC240V PANASONIC-HE1AN-AC240V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays
JTN1AS-PA-F-DC5V PANASONIC-JTN1AS-PA-F-DC5V Datasheet
88Kb / 4P
   High switching capacity 1a/1c 30A power relays Heating & ventilation Home appliance
logo
JIEJIE MICROELECTRONICS...
JCT630 JIEJIE-JCT630 Datasheet
342Kb / 5P
   30A SCRs
logo
Panasonic Semiconductor
HE1AN-P-DC6V PANASONIC-HE1AN-P-DC6V Datasheet
113Kb / 7P
   TV-10/TV-15 rated 1a 30A, 2a 20A power relays High-capacity and long life
logo
Schneider Electric
QMB361TW SCHNEIDER-QMB361TW Datasheet
86Kb / 2P
   30A-30A 4.5 Inch 3P 600VAC Fusible Switch
QMB221TW SCHNEIDER-QMB221TW Datasheet
98Kb / 2P
   30A-30A 4.5 Inch 2P 240VAC Fusible Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com