Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD664 Datasheet(PDF) 3 Page - Analog Devices

Part # AD664
Description  Monolithic 12-Bit Quad DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD664 Datasheet(HTML) 3 Page - Analog Devices

  AD664_15 Datasheet HTML 1Page - Analog Devices AD664_15 Datasheet HTML 2Page - Analog Devices AD664_15 Datasheet HTML 3Page - Analog Devices AD664_15 Datasheet HTML 4Page - Analog Devices AD664_15 Datasheet HTML 5Page - Analog Devices AD664_15 Datasheet HTML 6Page - Analog Devices AD664_15 Datasheet HTML 7Page - Analog Devices AD664_15 Datasheet HTML 8Page - Analog Devices AD664_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AD664
Model
JN/JP/AD/AJ/SD
KN/KP/BD/BJ/BE/TD/TE
Min
Typ
Max
Min
Typ
Max
Units
DIGITAL INPUTS
VIH
2.0
*
Volts
VIL
0
0.8
*
*
Volts
Data Inputs
IIH @ VIN = VLL
–10
±1
10
**
*
µA
IIL @ VIN = DGND
–10
±1
10
**
*
µA
CS
/DS0/DS1/RST/RD/LS
IIH @ VIN = VLL
–10
±1
10
**
*
µA
IIL @ VIN = VLL
–10
±1
10
**
*
µA
MS
/TR12
IIH @ VIN = VLL
–10
5
10
**
*
µA
IIL @ VIN = DGND
–10
–5
0
**
*
µA
QS0
/QSl/QS2 l2
IIH @ VIN = VLL
–10
5
10
**
*
µA
IIL @ VIN = DGND
–10
±1
10
**
*
µA
DIGITAL OUTPUTS
VOL @ 1.6 mA Sink
0.4
*
Volts
VOH @ 0.5 mA Source
2.4
*
Volts
TEMPERATURE RANGE
JN/JP/KN/KP
0
+70
**
°C
AD/AJ/BD/BJ/BE
– 40
+85
**
°C
SD/TD/TE
–55
+125
**
°C
NOTES
1A minimum power supply of
±12.0 V is required for 0 V to +10 V and ±10 V operation. A minimum power supply of ±11.4 V is required for –5 V to +5 V operation.
2For V
CC < +12 V and VEE > –12 V. Voltage not to exeeed 10 V maximum.
3Bipolar zero error is the difference from the ideal output (0 volts) and the actual output voltage with code 100 000 000 000 applied to the inputs.
4Linearity error is defined as the maximum deviation of the actual DAC output from the ideal output (a straight line drawn from 0 to F.S. – 1 LSB).
5FSR means Full-Scale Range and is 20 V for
±10 V range and 10 V for ± 5 V range.
6A minimum power supply of
±12.0 V is required for a 10 V reference voltage.
7Analog Ground Current is input code dependent.
8Gain error matching is the largest difference in gain error between any two DACs in one package.
9Offset error matching is the largest difference in offset error between any two DACs in one package.
10Bipolar zero error matching is the largest difference in bipolar zero error between any two DACs in one package.
11Linearity error matching is the difference in the worst ease linearity error between any two DACs in one package.
1244-pin versions only.
*Specifications same as JN/JP/AD/AJ/SD.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
ABSOLUTE MAXIMUM RATINGS*
VLL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +7 V
VCC to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V
VEE to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V to 0 V
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C, 10 sec
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –1 V to +1 V
Reference Input . . . . . . . . . . . . . . . . . . VREF
≤ ±10 V and V
REF
≤ (V
CC – 2 V, VEE + 2 V)
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +36 V
CAUTION
ESD (electrostatic discharge) sensitive device. Unused devices must be stored in conductive foam
or shunts. The protective foam should be discharged to the destination socket before devices are
removed.
WARNING!
ESD SENSITIVE DEVICE
Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Outputs . . . . . . . . . . . . . . . . . . . . . Indefinite Shorts to
VCC, VLL, VEE and GND
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
REV.
–3–
D


Similar Part No. - AD664_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664_17 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
More results

Similar Description - AD664_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
   Monolithic 12-Bit Quad DAC
REV. C
AD664JPZ AD-AD664JPZ Datasheet
671Kb / 23P
   Monolithic 12-Bit Quad DAC
REV. D
AD664 AD-AD664_17 Datasheet
725Kb / 24P
   Monolithic 12-Bit Quad DAC
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
   CMOS, 12-Bit, Monolithic Multiplying DAC
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com