Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD774B Datasheet(PDF) 2 Page - Analog Devices

Part # AD774B
Description  Complete 12-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD774B Datasheet(HTML) 2 Page - Analog Devices

  AD774B_15 Datasheet HTML 1Page - Analog Devices AD774B_15 Datasheet HTML 2Page - Analog Devices AD774B_15 Datasheet HTML 3Page - Analog Devices AD774B_15 Datasheet HTML 4Page - Analog Devices AD774B_15 Datasheet HTML 5Page - Analog Devices AD774B_15 Datasheet HTML 6Page - Analog Devices AD774B_15 Datasheet HTML 7Page - Analog Devices AD774B_15 Datasheet HTML 8Page - Analog Devices AD774B_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
J Grade
K Grade
A Grade
B Grade
T Grade
Model (AD674B or AD774B)
Min Typ
Max Min Typ Max
Min Typ Max
Min Typ Max
Min
Typ Max
Unit
RESOLUTION
12
12
12
12
12
Bits
LINEARITY ERROR @ 25
°C
1
1/2
1
1/2
1/2
LSB
TMIN to TMAX
1
1/2
1
1/2
1
LSB
DIFFERENTIAL LINEARITY ERROR
(Minimum Resolution for Which No
Missing Codes are Guaranteed)
12
12
12
12
12
Bits
UNIPOLAR OFFSET
1 @ 25
°C
2
2
2
2
2
LSB
BIPOLAR OFFSET
1 @ 25
°C
6
3
6
3
3
LSB
FULL-SCALE CALIBRATION ERROR
1, 2
@ 25
°C (with Fixed 50 Ω Resistor
from REF OUT to REF IN)
0.1
0.25
0.1
0.125
0.1 0.25
0.1
0.125
0.1 0.125
% of FS
TEMPERATURE RANGE
0
70
0
70
–40
+85
–40
+85
–55
+125
°C
TEMPERATURE DRIFT
3
(Using Internal Reference)
Unipolar
2
1
2
1
1
LSB
Bipolar Offset
2
1
2
1
2
LSB
Full-Scale Calibration
6
2
8
5
7
LSB
POWER SUPPLY REJECTION
Max Change in Full-Scale Calibration
VCC = +15 V
± 1.5 V or +12 V ± 0.6 V
2
1
2
1
1
LSB
VLOGIC = +5 V
± 0.5 V
1/2
1/2
1/2
1/2
1/2
LSB
VEE = –15 V
± 1.5 V or –12 V ± 0.6 V
2
1
2
1
1
LSB
ANALOG INPUT
Input Ranges
Bipolar
–5
+5
–5
+5
–5
+5
–5
+5
–5
+5
V
–10
+10
–10
+10
–10
+10
–10
+10
–10
+10
V
Unipolar
0
10
0
10
0
10
0
10
0
10
V
0
20
0
20
0
20
0
20
0
20
V
Input Impedance
10 V Span
3
5
73
5
73
5
73
5
73
5
7
k
20 V Span
6
10
14
6
10
14
6
10
14
6
10
14
6
10
14
k
POWER SUPPLIES
Operating Range
VLOGIC
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VCC
11.4
16.5
11.4
16.5
11.4
16.5
11.4
16.5
11.4
16.5
V
VEE
–16.5
–11.4 –16.5
–11.4 –16.5
–11.4
–16.5
–11.4
–16.5
–11.4
V
Operating Current
ILOGIC
3.5
7
3.5
7
3.5 7
3.5
7
3.5 7
mA
ICC
3.5
7
3.5
7
3.5 7
3.5
7
3.5 7
mA
IEE
10
14
10
14
10
14
10
14
10
14
mA
POWER CONSUMPTION
220
375
220 375
220 375
220 375
220 375
mW
4
175
175
175
175
175
mW
5
INTERNAL REFERENCE VOLTAGE
9.9
10.0 10.1
9.9
10.0 10.1
9.9
10.0 10.1
9.9
10.0 10.1
9.9
10.0 10.1
V
Output Current
(Available for External Loads)
2.0
2.0
2.0
2.0
2.0
mA
(External Load Should Not
Change During the Conversion)
NOTES
1Adjustable to zero.
2Includes internal voltage reference error.
3Maximum change from 25
°C value to the value at TMIN or TMAX.
4Tested with REF OUT tied to REF IN through 50
Ω resistor, VCC = +16.5 V, VEE = –16.5 V, VLOGIC = +5.5 V, and outputs in high-Z mode.
5Tested with REF OUT tied to REF IN through 50
Ω resistor, V
CC = +12 V, VEE = –12 V, VLOGIC = +5 V, and outputs in high-Z mode.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all devices at final electrical test at TMIN, 25
°C, and T
MAX. Results from those tests are used to calculate outgoing quality levels. All min and
max specifications are guaranteed, although only those shown in boldface are tested.
AD674B/AD774B–SPECIFICATIONS (T
MIN to TMAX with VCC = +15 V
10% or +12 V
5%,
VLOGIC = +5 V
10%, VEE = –15 V
10% or –12 V
5%, unless otherwise noted.)
REV. C
–2–


Similar Part No. - AD774B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD774BAD AD-AD774BAD Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BAD AD-AD774BAD Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BAD AD-AD774BAD Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BAR AD-AD774BAR Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BAR AD-AD774BAR Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results

Similar Description - AD774B_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
   FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
ADDAC80 AD-ADDAC80_15 Datasheet
232Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
   Complete Low Cost 12-Bit D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com