Selected language     English  ▼


H-175C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H-175C
Description  T-1 (5mm) LED HOLDER INTERLOCKING VARIABLE DIAMETER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Recommended Mounting Holes
0.100 [2.5mm]
Holder Faces
Ø.032
+.003
-.002
TYP.
0.200 [5.1mm]
Holder Pitch
LED Lead
0.254 [6.5mm]
0.050 [1.3mm]
DIA
0.190 [4.8mm]
TYP.
0.120 [3.0mm]
0.030 [0.8mm] SQ.
0.350 [8.9mm]
0.130 [3.3mm]
0.240 [6.1mm]
H-175C
H-176C
H-177C
H-178C
± 1°
4 THOMAS, IRVINE, CA. 92618
.X
± .1
DATE:
DATE:
04/18/03
04/18/03
CHECKED:
M. Chen
DESIGNED:
.XXX
± .005
.XX
± .01
David Green
T-1¾ (5mm) LED HOLDER
TEL: (949) 951-8808
FAX: (949) 951-3974
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
H-17XC-X
CAGE CODE : 32559
TITLE:
PART NO:
SHEET #
OF
1
1
REVISION:
G
Engineering Update w/o Changes
ANGULAR
( UNLESS OTHERWISE SPECIFIED )
STANDARD TOLERANCE
DECIMALS
C
REV.
®
02/26/04
DESCRIPTION
M. C.
APPROVED
DATE
H-178C SERIES
H-175C SERIES
H-175C
H-176C
H-177C
H-178C
H-177C SERIES
H-176C SERIES
PART NO.
.197 [5.0mm]
DIA
0.100 [2.5mm]
INTERLOCKING VARIABLE DIAMETER
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
RTP POLYAMIDE NYLON 6/6, 0200 FR, BLACK OR MODIFIED PLASTICS MN6/6-SE BK.
2. STANDARD MATERIAL: NYLON 6/6, 94V-0, BLACK. BIVAR MATERIAL CODE 22-BK.
0.250 [6.4mm]
D
Engineering Update w / PPA Version Added
04/18/05
M. C.
F
Updated Part No. Table
04/11/06
M. C.
.206 [5.2mm]+/-0.002"
H-178C-2
H-177C-2
H-176C-2
H-175C-2
E
Engineering Update w / -2 Version Added
08/16/05
M. C.
G
Obsolete H-17XC-1 Holder
09/27/07




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl