Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6206 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GM6206
Description  LDO Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GM6206 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GM6206 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GM6206 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GM6206 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin Strong
Strong
Strong
Strong Micro-Elec tronics
Micro-Elec tronics
Micro-Elec tronics
Micro-Elec tronics Co., Ltd.
Co., Ltd.
Co., Ltd.
Co., Ltd.
GM6206
④Represents production number 代表產品批號
0 to 9,A to Z repeated(G,I,J,O,Q,W excepted)
數字 0 到 9,字母 A 到 Z 循環使用(字母 G,I,J,O,Q,W 除外)
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS 電特性
((((U
U
U
Unless
nless
nless
nless otherwise
otherwise
otherwise
otherwise noted
noted
noted
noted 如無特殊說明, CIN=10uF,COUT=10uF,Ta=25℃))))
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Output Voltage
輸出電壓
VOUT
VIN=VOUT+1V, IOUT=10mA
VOUT(S)
×0.98
VOUT(S)
VOUT(S)
×1.02
V
Output Current
輸出電流
IOUT
VIN≥VOUT(S)+1V
100
mA
Dropout Voltage
落差電壓
VDROP
IOUT=100mA
1.5V≤VOUT(S)≤2.5V
200
280
mV
2.6V≤VOUT(S)≤3.3V
160
240
3.4V≤VOUT(S)≤5V
120
200
Load Regulation
负载電壓偏差
ΔVOUT
VIN=VOUT(S)+1V,
1mA≤IOUT≤50mA
20
40
mV
Line Regulation
线性電壓偏差
ΔVOUT
ΔVIN×VOUT
VOUT(S)+1V≤VIN≤6V,
IOUT=1mA
0.05
0.2
%
V
Quiescent Current
静态電流
Iq
VIN=VOUT(S)+1V
2
uA
Temperature
Coefficient
溫度系數
ΔVOUT
ΔTa×VOUT
VIN=VOUT(S)+1V,IOUT=10mA,
0℃≤Ta≤70℃
±100
ppm
Input Voltage
輸入電壓
VIN
——
1.8
6
V
Ripple Rejection
纹波抑制
RR
VIN=VOUT(S)+1V, f =1.0KHz,
IOUT=10mA
40
dB


Similar Part No. - GM6206

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM6201 GTM-GM6201 Datasheet
994Kb / 8P
   CMOS POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results

Similar Description - GM6206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_17 Datasheet
1Mb / 23P
   LDO Voltage Regulator
February, 2017 ??Rev. 8
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com