Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM9012 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GM9012
Description  PNP Low Frequency Amplifier Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GM9012 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GM9012_15 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GM9012_15 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GM9012(销售型號 S9012)
ELECTRICAL CHARACRTERISTICS 電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
TYP
典型值
Max
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB= -35V,IE=0
-0.1
μ
A
Emitter Cutoff Current
發射極截止電流
IEBO
VEB= -5V,IC=0
-0.1
μ
A
Collect-Base Breakdown Voltage
集電極
-基極擊穿電壓
V(BR)CBO
IC= -100μA
-40
V
Collect-Base Breakdown Voltage
集電極
-基極擊穿電壓
V(BR)CEO
IC= -1.0mA
-30
V
Emitter-Base Breakdown Voltage
發射極
-基極擊穿電壓
V(BR)EBO
IE= -100μA
-5
V
DC Current Gain
直流電流增益
hFE(1)
VCE= -1V,
IC= -50mA
70
400
hFE(2)
VCE= -6V,
IC= -400mA
25
Collector-Emitter Saturation Voltage
集電極
-發射極飽和壓降
VCE(sat)
IC= -500mA,
IB= -50mA
-0.6
V
Base-Emitter Saturation Voltage
基極
-發射極飽和壓降
VBE(sat)
IC=-500mA,
IB=-50mA
-1.2
V
Base-Emitter Voltage
基極
-發射極電壓
VBE
VCE= -1V,
IC= -100mA
-0.8
-1.0
V
Transition Frequency
特徵頻率
fT
VCE= -6V,
IC= -20mA
150
300
MHz
Collector Output Capacitance
輸出電容
Cob
VCB= -6V,IE=0,
f=1MHz
7.0
10
pF


Similar Part No. - GM9012_15

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM9012 GSME-GM9012 Datasheet
246Kb / 3P
   Excellent HFE Linearity HFE hFE(2)=25(Min.) at VCE=6V,Ic=400mA.
More results

Similar Description - GM9012_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015_11 Datasheet
190Kb / 5P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
   PNP Low Frequency Amplifier Transistor
GM807 GSME-GM807 Datasheet
228Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
2SA1015 UTC-2SA1015_09 Datasheet
143Kb / 4P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Dongguan City Niuhang E...
BC807 NIUHANG-BC807 Datasheet
349Kb / 3P
   PNP Low Frequency Amplifier Transistor
logo
Unisonic Technologies
MMBT1015 UTC-MMBT1015 Datasheet
56Kb / 4P
   LOW FREQUENCY PNP AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1298 GSME-GMA1298 Datasheet
205Kb / 2P
   PNP Low Frequency Amplifier Transistor
GMB624 GSME-GMB624 Datasheet
206Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
FutureWafer Tech Co.,Lt...
2SA1015 FUTUREWAFER-2SA1015 Datasheet
923Kb / 7P
   Low Frequency Amplifier PNP Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
logo
Unisonic Technologies
2SA733 UTC-2SA733_11 Datasheet
175Kb / 4P
   LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com