Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST163245 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FST163245
Description  16-BIT BUS SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163245 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FST163245 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IDT74FST163245, IDTFST163P245
16-BIT BUS SWITCH
COMMERCIAL TEMPERATURE RANGE
5
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
SWITCH POSITION
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
PULSE WIDTH
SET-UP, HOLD AND RELEASE TIMES
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT
= Termination resistance: should be equal to Z
OUT
of the Pulse
Generator.
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
3513 lnk 08
3513 lnk 03
3513 lnk 04
3513 lnk 05
3513 lnk 06
3513 lnk 07


Similar Part No. - IDT74FST163245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
IDT74FST163244PA IDT-IDT74FST163244PA Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
IDT74FST163244PF IDT-IDT74FST163244PF Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
IDT74FST163244PV IDT-IDT74FST163244PV Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
More results

Similar Description - IDT74FST163245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
FST32X245 FAIRCHILD-FST32X245 Datasheet
251Kb / 4P
   16-Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245_05 Datasheet
158Kb / 4P
   16-Bit Bus Switch
logo
Texas Instruments
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FST16244 FAIRCHILD-FST16244 Datasheet
162Kb / 4P
   16-Bit Bus Switch (Preliminary)
logo
Texas Instruments
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
[Old version datasheet]   16-Bit FET Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com