Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT521AE Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT521AE
Description  FAST CMOS 8-BIT IDENTITY COMPARATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT521AE Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT521AE Datasheet HTML 1Page - Integrated Device Technology IDT74FCT521AE Datasheet HTML 2Page - Integrated Device Technology IDT74FCT521AE Datasheet HTML 3Page - Integrated Device Technology IDT74FCT521AE Datasheet HTML 4Page - Integrated Device Technology IDT74FCT521AE Datasheet HTML 5Page - Integrated Device Technology IDT74FCT521AE Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
IDT54/74FCT521/A/B/C
FAST CMOS 8-BIT IDENTITY COMPARATOR
MILITARYANDCOMMERCIALTEMPERATURERANGES
JUNE 2000
1999
Integrated Device Technology, Inc.
DSC-4617/2
c
IDT54/74FCT521/A/B/C
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FAST CMOS
8-BIT IDENTITY
COMPARATOR
DESCRIPTION:
The FCT521 is an 8-bit identity comparator built using an advanced dual
metal CMOS technology. These devices compare two words of up to eight
bits each and provide a low output when the two words match bit for bit. The
expansion input
IA = B also serves as an active low enable input.
FUNCTIONAL BLOCK DIAGRAM
A0
B0
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
IA=B
OA=B
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
1
19
FEATURES:
− IDT54/74FCT521 equivalent to FASTTM speed
− IDT54/74FCT521A 35% faster than FAST
− IDT54/74FCT521B 50% faster than FAST
− IDT54/74FCT521C 60% faster than FAST
− Equivalent to FAST output drive over full temperature and voltage
supply extremes
− IOL = 48mA (commercial), and 32mA (military)
− CMOS power levels (1mW typ. static)
− TTL input and output level compatible
− CMOS output level compatible
− Substantially lower input current levels than FAST (5µA max.)
− JEDEC standard pinout for DIP and LCC
− Military product compliant to MIL-STD-883, Class B
− Available in the following packages:
Commercial: SOIC
Military: CERDIP, LCC, CERPACK


Similar Part No. - IDT74FCT521AE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521ATD IDT-IDT74FCT521ATD Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521ATDB IDT-IDT74FCT521ATDB Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521ATE IDT-IDT74FCT521ATE Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
More results

Similar Description - IDT74FCT521AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT521AT RENESAS-74FCT521AT Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
logo
Integrated Device Techn...
IDT74FCT521T IDT-IDT74FCT521T Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Pericom Semiconductor C...
PI74FCT521 PERICOM-PI74FCT521 Datasheet
44Kb / 4P
   Fast CMOS 8-Bit Identity Comparator
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com