Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT807BTE Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT807BTE
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT807BTE Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT807BTE Datasheet HTML 1Page - Integrated Device Technology IDT54FCT807BTE Datasheet HTML 2Page - Integrated Device Technology IDT54FCT807BTE Datasheet HTML 3Page - Integrated Device Technology IDT54FCT807BTE Datasheet HTML 4Page - Integrated Device Technology IDT54FCT807BTE Datasheet HTML 5Page - Integrated Device Technology IDT54FCT807BTE Datasheet HTML 6Page - Integrated Device Technology IDT54FCT807BTE Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 250ps (max.)
• Very low duty cycle distortion < 350ps (max.)
• High speed: propagation delay < 2.5ns (max.)
• 100MHz operation
• TTL compatible inputs and outputs
• TTL level output voltage swings
• 1:10 fanout
• Output rise and fall time < 1.5ns (max.)
• Low input capacitance: 4.5pF typical
• High Drive: -32mA IOH, 48mA IOL
• ESD > 2000V per MIL STD-883, Method 3015;
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1995
©1995 Integrated Device Technology, Inc.
9.3
DSC-4242/3
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST CMOS
1-TO-10
CLOCK DRIVER
IDT54/74FCT807BT/CT
3017 drw 01
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
IN
> 200V using machine model (C = 200pF, R = 0)
• Available in DIP, SOIC, SSOP, QSOP, Cerpack and
LCC packages
• Military product compliant to MIL-STD-883, Class B
GND
VCC
GND
VCC
GND
GND
VCC
GND
O5
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
SO20-7
SO20-8
&
E20-1
IN
O1
O2
O3
O4
O10
O9
O8
O7
O6
INDEX
VCC
GND
VCC
GND
VCC
LCC
TOP VIEW
O2
O3
O9
O8
O7
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
910 11 12 13
L20-2
3017 drw 03
3017 drw 02
DESCRIPTION:
The IDT54/74FCT807BT/CT clock driver is built using
advanced dual metal CMOS technology. This low skew clock
driver features 1:10 fanout, providing minimal loading on the
preceding drivers. The IDT54/74FCT807BT/CT offers low
capacitance inputs with hysteresis for improved noise margins.
TTL level outputs and multiple power and grounds reduce
noise. The device also features -32/48mA drive capability for
driving low impedance traces.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS


Similar Part No. - IDT54FCT807BTE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT810BT IDT-IDT54FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT54FCT810BTD IDT-IDT54FCT810BTD Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT54FCT810BTDB IDT-IDT54FCT810BTDB Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT54FCT810BTE IDT-IDT54FCT810BTE Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT54FCT810BTEB IDT-IDT54FCT810BTEB Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT54FCT807BTE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT_09 Datasheet
87Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com