Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT88915TT70J Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT54FCT88915TT70J
Description  LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT88915TT70J Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT54FCT88915TT70J Datasheet HTML 3Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 4Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 5Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 6Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 7Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 8Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 9Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 10Page - Integrated Device Technology IDT54FCT88915TT70J Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IDT54/74FCT88915TT 55/70/100/133
LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9.7
10
TEST CIRCUITS AND WAVEFORM
50
Ω to VCC/2, CL = 20pF
PROPAGATION DELAY, OUTPUT SKEW
ENABLE AND DISABLE TEST CIRCUIT
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
500
7.0V
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: tF
≤ 2.5ns; tR ≤ 2.5ns
3072 lnk 12
Pulse
Generator
RT
D.U.T.
VCC
VIN
VOUT
100
100
VCC
20pF
3072 drw 11
NOTES:
1. The FCT88915TT aligns rising edges of the FEEDBACK input and SYNC input, therefore the SYNC input does not require a 50% duty cycle.
2. All skew specs are measured between the 1.5V crossing point of the appropriate output edges. All skews are specified as "windows", not as
± deviation
around a center point.
3. If a Q output is connected to the FEEDBACK input (this situation is not shown), the Q output frequency would match the SYNC input frequency, the 2Q
output would run at twice the SYNC frequency and the Q/2 output would run at half the SYNC frequency.
(These waveforms represent the hookup of Figure 2a)
t
t
t
t
tPD
SYNC INPUT
(SYNC (1) or
SYNC (0))
FEEDBACK
INPUT
Q/2 OUTPUT
Q0-Q4
OUTPUTS
Q5 OUTPUT
2Q OUTPUT
tSKEWALL
SKEWf
SKEWr
SKEWf
SKEWr
t
"Q" OUTPUTS
CYCLE
1.5V
1.5V
1.5V
1.5V
1.5V
1.5V
3072 drw 13
t CYCLE SYNC INPUT
Test
Switch
Disable Low
Enable Low
Closed
Disable High
Enable High
Open
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
3072 tbl 10
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
VOH
0.3V
0.3V
t PLZ
tPZL
tPZH
t PHZ
0V
1.5V
1.5V
ENABLE
DISABLE
ENABLE AND DISABLE TIMES
SWITCH POSITION
3072 drw 14


Similar Part No. - IDT54FCT88915TT70J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT807BT IDT-IDT54FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTD IDT-IDT54FCT807BTD Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTDB IDT-IDT54FCT807BTDB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTE IDT-IDT54FCT807BTE Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTEB IDT-IDT54FCT807BTEB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT54FCT88915TT70J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT74FCT388915T IDT-IDT74FCT388915T_05 Datasheet
1Mb / 10P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com