Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT861AD Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT861AD
Description  HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT861AD Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT861AD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 7Page - Integrated Device Technology IDT74FCT861AD Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IDT54/74FCT861A/B, IDT54/74FCT863A/B
HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.23
4
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V, VHC = VCC – 0.2V
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI
= VCC
——
5
µA
(Except I/O pins)
VI = 2.7V
5
(4)
IIL
Input LOW Current
VI
= 0.5V
——
–5
(4)
µA
(Except I/O pins)
VI = GND
–5
IIH
Input HIGH Current
VCC = Max.
VI
= VCC
——
15
(I/O pins Only)
VI = 2.7V
15
(4)
IIL
Input LOW Current
VI
= 0.5V
–15
(4)
(I/O pins Only)
VI = GND
–15
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.
(3), VO = GND
–75
–120
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—V
VCC = Min.
IOH = –300
µAVHC
VCC
VIN = VIH or VIL
IOH = –15mA MIL.
2.4
4.3
IOH = –24mA COM’L.
2.4
4.3
VOL
Output LOW Voltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
GND
VLC
V
VCC = Min.
IOL = 300
µA
GND
VLC
(4)
VIN = VIH or VIL
IOL = 32mA MIL.
(5)
0.3
0.5
IOL = 48mA COM’L.
(5)
0.3
0.5
NOTES:
2610 tbl 05
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. These are maximum IOL values per output, for 10 outputs turned on simultaneously. Total maximum IOL (all outputs) is 480mA for commercial and 320mA
for military. Derate IOL for number of outputs exceeding 10 turned on simultaneously.


Similar Part No. - IDT74FCT861AD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT863 IDT-IDT74FCT863 Datasheet
75Kb / 6P
   HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863A IDT-IDT74FCT863A Datasheet
75Kb / 6P
   HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863ASO IDT-IDT74FCT863ASO Datasheet
75Kb / 6P
   HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863B IDT-IDT74FCT863B Datasheet
75Kb / 6P
   HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
IDT74FCT863BSO IDT-IDT74FCT863BSO Datasheet
75Kb / 6P
   HIGH-PERFORMANCE CMOS 9-BIT NON-INVERTING TRANSCEIVER
More results

Similar Description - IDT74FCT861AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
   High Performance Bus Transceivers
logo
Pericom Semiconductor C...
PI74FCT861T PERICOM-PI74FCT861T Datasheet
61Kb / 6P
   Fast CMOS Bus Transceivers
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com