Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD678 Datasheet(PDF) 11 Page - Analog Devices

Part # AD678
Description  12-Bit 200 kSPS Complete Sampling ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD678 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD678_15 Datasheet HTML 6Page - Analog Devices AD678_15 Datasheet HTML 7Page - Analog Devices AD678_15 Datasheet HTML 8Page - Analog Devices AD678_15 Datasheet HTML 9Page - Analog Devices AD678_15 Datasheet HTML 10Page - Analog Devices AD678_15 Datasheet HTML 11Page - Analog Devices AD678_15 Datasheet HTML 12Page - Analog Devices AD678_15 Datasheet HTML 13Page - Analog Devices AD678_15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AD678
REV. C
–11–
The AD678 incorporates several features to help the user’s
layout. Analog pins (VEE) AIN, AGND, REFOUT, REFIN,
BIPOFF, VCC) are adjacent to help isolate analog from digital
signals. In addition, the 10 M
Ω input impedance of AIN mini-
mizes input trace impedance errors. Finally, ground currents
have been minimized by careful circuit design. Current through
AGND is 200
µA, with no code-dependent variation. The cur-
rent through DGND is dominated by the return current for
DB11–DB0 and EOC.
SUPPLY DECOUPLING
The AD678 power supplies should be well filtered, well regulated,
and free from high-frequency noise. Switching power supplies
are not recommended. These supplies generate spikes which can
induce noise in the analog system.
Decoupling capacitors should be located as close as possible to
all power supply pins. A 10
µF tantalum capacitor in parallel
with a 0.1
µF ceramic provides adequate decoupling. The power
supply pins should be decoupled directly to AGND.
An effort should be made to minimize the trace length between
the capacitor leads and the respective converter power supply
and common pins. The circuit layout should attempt to locate
the AD678, associated analog input circuitry and interconnec-
tions as far as possible from logic circuitry. A solid analog ground
plane around the AD678 will isolate large switching ground
currents. For these reasons, the use of wire wrap circuit con-
struction is not recommended; careful printed circuit construction
is preferred.
GROUNDING
If a single AD678 is used with separate analog and digital
ground planes, connect the analog ground plane to AGND and
the digital ground plane to DGND keeping lead lengths as short
as possible. Then connect AGND and DGND together at the
AD678. If multiple AD678s are used or the AD678 shares ana-
log supplies with other components, connect the analog and
digital returns together once at the power supplies rather than at
each chip. This prevents large ground loops which inductively
couple noise and allow digital currents to flow through the ana-
log system.
INTERFACING THE AD678 TO MICROPROCESSORS
The I/O capabilities of the AD678 allow direct interfacing to
general purpose and DSP microprocessor buses. The asynchro-
nous conversion control feature allows complete flexibility and
control with minimal external hardware.
The following examples illustrate typical AD678 interface
configurations.
A single-pass calibration can be done by substituting a bipolar
offset trim (error at minus full scale) for the bipolar zero trim
(error at midscale), using the same circuit. First, apply a signal
1/2 LSB above minus full scale (–4.9988 V for a
±5 V range)
and adjust R1 until the minus full-scale transition is located
(1000 0000 0000 to 1000 0000 0001). Then perform the gain
error trim as outlined above.
Figure 12. Unipolar Input Connections with Gain and
Offset Trims
Figure 13. Bipolar Input Connections with Gain and Offset
Trims
BOARD LAYOUT
Designing with high-resolution data converters requires careful
attention to layout. Trace impedance is a significant issue. At the
12-bit level, a 5 mA current through a 0.5
Ω trace will develop a
voltage drop of 2.5 mV, which is 1 LSB for a 10 V full-scale span.
In addition to ground drops, inductive and capacitive coupling
need to be considered, especially when high- accuracy analog
signals share the same board with digital signals. Finally, power
supplies need to be decoupled in order to filter out ac noise.
Analog and digital signals should not share a common path.
Each signal should have an appropriate analog or digital return
routed close to it. Using this approach, signal loops enclose a
small area, minimizing the inductive coupling of noise. Wide PC
tracks, large gauge wire, and ground planes are highly recom-
mended to provide low impedance signal paths. Separate analog
and digital ground planes are also desirable, with a single inter-
connection point to minimize ground loops. Analog signals should
be routed as far as possible from digital signals and should cross
them at right angles.


Similar Part No. - AD678_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678AD AD-AD678AD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678AJ AD-AD678AJ Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678BD AD-AD678BD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678BJ AD-AD678BJ Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678JD AD-AD678JD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results

Similar Description - AD678_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD779 AD-AD779 Datasheet
220Kb / 12P
   14-Bit 128 kSPS Complete Sampling ADC
REV. B
AD679 AD-AD679_04 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679JNZ AD-AD679JNZ Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679 AD-AD679_15 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD1679 AD-AD1679_15 Datasheet
4Mb / 12P
   14 BIT 100 KSPS COMPLETE SAMPLING ADC
AD679 AD-AD679 Datasheet
360Kb / 12P
   14-Bit 128 kSPS Complete Sampling ADC
REV. C
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com