Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD678 Datasheet(PDF) 2 Page - Analog Devices

Part # AD678
Description  12-Bit 200 kSPS Complete Sampling ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD678 Datasheet(HTML) 2 Page - Analog Devices

  AD678_15 Datasheet HTML 1Page - Analog Devices AD678_15 Datasheet HTML 2Page - Analog Devices AD678_15 Datasheet HTML 3Page - Analog Devices AD678_15 Datasheet HTML 4Page - Analog Devices AD678_15 Datasheet HTML 5Page - Analog Devices AD678_15 Datasheet HTML 6Page - Analog Devices AD678_15 Datasheet HTML 7Page - Analog Devices AD678_15 Datasheet HTML 8Page - Analog Devices AD678_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AD678–SPECIFICATIONS
REV. C
–2–
AC SPECIFICATIONS
AD678J/A/S
AD678K/B/T
Parameter
Min
Typ
Max
Min
Typ
Max
Units
SIGNAL-TO-NOISE AND DISTORTION (S/N+D) RATIO
2
–0.5 dB Input (Referred to –0 dB Input)
70
71
71
73
dB
–20 dB Input (Referred to –20 dB Input)
51
53
dB
–60 dB Input (Referred to –60 dB Input)
11
13
dB
TOTAL HARMONIC DISTORTION (THD)
3
–88
–80
–88
–80
dB
0.004
0.010
0.004
0.010
%
PEAK SPURIOUS OR PEAK HARMONIC COMPONENT
–87
–80
–87
–80
dB
FULL POWER BANDWIDTH
1
1
MHz
FULL LINEAR BANDWIDTH
500
500
kHz
INTERMODULATION DISTORTION (IMD)
4
2nd Order Products
–85
–80
–85
–80
dB
3rd Order Products
–90
–80
–90
–80
dB
NOTES
1f
IN amplitude = –0.5 dB (9.44 V p-p) bipolar mode full scale unless otherwise indicated. All measurements referred to a –0 dB (9.997 V p-p) input signal unless
otherwise indicated.
2See Figures 13 and 14 for higher frequencies and other input amplitudes.
3See Figure 12.
4f
A = 9.08 kHz, fB = 9.58 kHz, with fSAMPLE = 200 kSPS. See Definition of Specifications section and Figure 16.
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Test Conditions
Min
Max
Units
LOGIC INPUTS
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
IIH
High Level Input Current
VIN = VDD
–10
+10
µA
IIL
Low Level Input Current
VIN = 0 V
–10
+10
µA
CIN
Input Capacitance
10
pF
LOGIC OUTPUTS
VOH
High Level Output Voltage
IOH = 0.1 mA
4.0
V
IOH = 0.5 mA
2.4
V
VOL
Low Level Output Voltage
IOL = 1.6 mA
0.4
V
IOZ
High Z Leakage Current
VIN = 0 or VDD
–10
+10
µA
COZ
High Z Output Capacitance
10
pF
Specifications subject to change without notice.
(TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%, fSAMPLE = 200 kSPS,
flN = 10.06 kHz unless otherwise noted)
1
(All device types TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)


Similar Part No. - AD678_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678AD AD-AD678AD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678AJ AD-AD678AJ Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678BD AD-AD678BD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678BJ AD-AD678BJ Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678JD AD-AD678JD Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results

Similar Description - AD678_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD779 AD-AD779 Datasheet
220Kb / 12P
   14-Bit 128 kSPS Complete Sampling ADC
REV. B
AD679 AD-AD679_04 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679JNZ AD-AD679JNZ Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679 AD-AD679_15 Datasheet
161Kb / 16P
   14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD1679 AD-AD1679_15 Datasheet
4Mb / 12P
   14 BIT 100 KSPS COMPLETE SAMPLING ADC
AD679 AD-AD679 Datasheet
360Kb / 12P
   14-Bit 128 kSPS Complete Sampling ADC
REV. C
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com