Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7143LA45GB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7143LA45GB
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7143LA45GB Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7143LA45GB Datasheet HTML 4Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 5Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 6Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 7Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 8Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 9Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 10Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 11Page - Integrated Device Technology IDT7143LA45GB Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
8
TIMING WAVEFORM OF READ CYCLE NO. 1, EITHER SIDE(5)
TIMING WAVEFORM OF READ CYCLE NO. 2, EITHER SIDE(5)
NOTES:
1.
Timing depends on which signal is asserted last,
OE or CE.
2.
Timing depends on which signal is deasserted first,
OE or CE.
3.
tBDD delay is required only in a case where the opposite port is completing a write operation to the same address location. For simultaneous read operations,
BUSY has no
relationship to valid output data.
4.
Start of valid data depends on which timing becomes effective last, tAOE, tACE, tAA, or tBDD.
5.
R/W = VIH, and the address is valid prior to or coincidental with
CE transition LOW.
2746 drw 07
tAA
tOH
tOH
DATAOUT
ADDRESS
tRC
DATA VALID
PREVIOUS DATA VALID
BUSYOUT
tBDD
(3,4)
2746 drw 08
tAOE
tLZ
tHZ
DATAOUT
CE
tACE
VALID DATA
OE
CURRENT
ICC
ISB
tPU
50%
tLZ
tPD
50%
tHZ
(1)
(4)
(1)
(4)
(2)
(2)


Similar Part No. - IDT7143LA45GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7143LA IDT-IDT7143LA Datasheet
174Kb / 17P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
More results

Similar Description - IDT7143LA45GB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com