Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74240CTP Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74240CTP
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74240CTP Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74240CTP Datasheet HTML 1Page - Integrated Device Technology IDT74240CTP Datasheet HTML 2Page - Integrated Device Technology IDT74240CTP Datasheet HTML 3Page - Integrated Device Technology IDT74240CTP Datasheet HTML 4Page - Integrated Device Technology IDT74240CTP Datasheet HTML 5Page - Integrated Device Technology IDT74240CTP Datasheet HTML 6Page - Integrated Device Technology IDT74240CTP Datasheet HTML 7Page - Integrated Device Technology IDT74240CTP Datasheet HTML 8Page - Integrated Device Technology IDT74240CTP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
2
PIN CONFIGURATIONS
FCT240/2240T
FCT244/2244T
2565 drw 08
2565 drw 04
2565 drw 07
DA0
DA1
DA2
DA3
GND
DB0
DB1
DB2
DB3
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
SO20-7
SO20-8
&
E20-1
INDEX
DA1
DA2
DA3
DB0
DB1
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 101112 13
L20-2
OEA
OB0
OB1
OB2
OB3
OEB
OA0
OA1
OA2
OA3
OB1
OB2
OA0
OA1
OA2
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
GND
OA0
DB0
OA1
DB1
DB2
DB3
OA2
OA3
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
SO20-7
SO20-8
&
E20-1
INDEX
DA1
OB1
DA2
OB2
DA3
OA0
DB0
OA1
DB1
OA2
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
910
12 13
L20-2
11
OEB
OEA
2565 drw 05
FCT540/541/2541T
D0
D2
D3
D4
D5
D6
D7
GND
O0*
O1*
O2*
O3*
O5*
O7*
O4*
O6*
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIP/SOIC/QSOP/CERPACK
TOP VIEW
P20-1
D20-1
SO20-2
SO20-8
&
E20-1
INDEX
D2
D3
D4
D5
D6
O0*
O1*
O2*
O3*
O4*
LCC
TOP VIEW
3
2
20 19
1
4
5
6
7
8
18
17
16
15
14
9 10111213
L20-2
OEA
OEB
D1
2565 drw 06
2565 drw 09
*
Ox for 540, Ox for 541/2541T


Similar Part No. - IDT74240CTP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74541 IDT-IDT74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74541APG IDT-IDT74541APG Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541APY IDT-IDT74541APY Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541AQ IDT-IDT74541AQ Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74541ASO IDT-IDT74541ASO Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74240CTP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com