Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT861BD Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT861BD
Description  HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT861BD Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT861BD Datasheet HTML 1Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 2Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 3Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 4Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 5Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 6Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 7Page - Integrated Device Technology IDT54FCT861BD Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IDT54/74FCT861A/B, IDT54/74FCT863A/B
HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.23
5
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICC
Quiescent Power
VCC = Max.
0.2
1.5
mA
Supply Current
VIN
≥ VHC ; VIN ≤ VLC
∆ICC
Quiescent Power Supply
VCC = Max.
0.5
2.0
mA
Current TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
VCC = Max., Outputs Open
VIN
≥ VHC
0.15
0.25
mA/
OER or OET = GND
VIN
≤ VLC
MHz
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6)
VCC = Max., Outputs Open
VIN
≥ VHC
1.7
4.0
mA
fi = 10MHz
VIN
≤ VLC
50% Duty Cycle
(FCT)
OER or OET = GND
VIN = 3.4V
2.0
5.0
One Bit Toggling
VIN = GND
VCC = Max., Outputs Open
VIN
≥ VHC
3.2
6.5
(5)
fi = 2.5MHz
VIN
≤ VLC
50% Duty Cycle
(FCT)
OER or OET = GND
VIN = 3.4V
5.2
14.5
(5)
Eight Bits Toggling
VIN = GND
NOTES:
2610 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT +IINPUTS + IDYNAMIC
IC = ICC +
∆ICCDHNT + ICCD(fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - IDT54FCT861BD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT807BT IDT-IDT54FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTD IDT-IDT54FCT807BTD Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTDB IDT-IDT54FCT807BTDB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTE IDT-IDT54FCT807BTE Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT54FCT807BTEB IDT-IDT54FCT807BTEB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT54FCT861BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
   High Performance Bus Transceivers
logo
Pericom Semiconductor C...
PI74FCT861T PERICOM-PI74FCT861T Datasheet
61Kb / 6P
   Fast CMOS Bus Transceivers
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com