Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT521BL Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT521BL
Description  FAST CMOS 8-BIT IDENTITY COMPARATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT521BL Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT521BL Datasheet HTML 1Page - Integrated Device Technology IDT74FCT521BL Datasheet HTML 2Page - Integrated Device Technology IDT74FCT521BL Datasheet HTML 3Page - Integrated Device Technology IDT74FCT521BL Datasheet HTML 4Page - Integrated Device Technology IDT74FCT521BL Datasheet HTML 5Page - Integrated Device Technology IDT74FCT521BL Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
IDT54/74FCT521/A/B/C
FAST CMOS 8-BIT IDENTITY COMPARATOR
MILITARYANDCOMMERCIALTEMPERATURERANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V
Commercial: TA = 0°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = VCC
——
5
µ A
VI = 2.7V
5(4)
IIL
Input LOW Current
VI = 0.5V
–5(4)
VI = GND
–5
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–60
–120
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32µ A
VHC
VCC
—V
VCC = Min.
IOH = –300µ A
VHC
VCC
VIN = VIH or VIL
IOH = –12mA MIL.
2.4
4.3
IOH = –15mA COM'L.
2.4
4.3
VOL
Output LOW Voltage
VCC = 3V, VIN = VLC or VHC, IOL = 300µ A
GND
VLC
V
VCC = Min.
IOL = 300µ A
GND
VLC(4)
VIN = VIH or VIL
IOL = 32mA MIL.
0.3
0.5
IOL = 48mA COM'L.
0.3
0.5
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.


Similar Part No. - IDT74FCT521BL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT521BT IDT-IDT74FCT521BT Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521BTD IDT-IDT74FCT521BTD Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521BTDB IDT-IDT74FCT521BTDB Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521BTE IDT-IDT74FCT521BTE Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521BTEB IDT-IDT74FCT521BTEB Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
More results

Similar Description - IDT74FCT521BL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT521AT RENESAS-74FCT521AT Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
logo
Integrated Device Techn...
IDT74FCT521T IDT-IDT74FCT521T Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Pericom Semiconductor C...
PI74FCT521 PERICOM-PI74FCT521 Datasheet
44Kb / 4P
   Fast CMOS 8-Bit Identity Comparator
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com