Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72402L15SOB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72402L15SOB
Description  CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72402L15SOB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT72402L15SOB Datasheet HTML 1Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 2Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 3Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 4Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 5Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 6Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 7Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 8Page - Integrated Device Technology IDT72402L15SOB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT72401, IDT72402, IDT72403, IDT72404
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.01
7
2747 drw 12
SHIFT IN
DATA OUTPUT
OUTPUT READY
DATA VALID
(1)
SHIFT OUT
t OPH
t SOR
-
tPT
TIMING DIAGRAMS (Continued)
HZOE
t
2747 drw 14
OUTPUT ENABLE
DATA OUT
OOE
t
Figure 9. Output Enable Timing, IDT72403 and IDT72404 Only
NOTE:
1. High-Z transitions are referenced to the steady-state VOH -500mV and VOL +500mV levels on the output. tHZOE is tested with 5pF load capacitance
instead of 30pF as shown in Figure 1.
2747 drw 13
MASTER RESET
DATA OUTPUT
OUTPUT READY
INPUT READY
t MRS
t MRIRH
(1)
(1)
t MRW
t MRORL
SHIFT IN
t MRQ
NOTE:
1. Worst case, FIFO initially full..
Figure 8. Master Reset Timing
NOTE:
1. FIFO initially empty.
Figure 7. tPT and tOPH Specification


Similar Part No. - IDT72402L15SOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Integrated Device Techn...
IDT72401L10D IDT-IDT72401L10D Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10DB IDT-IDT72401L10DB Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10P IDT-IDT72401L10P Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
More results

Similar Description - IDT72402L15SOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com