Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6258EXTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6258EXTR
Description  PWM controlled high current DMOS universal motor driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EXTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6258EXTR Datasheet HTML 6Page - STMicroelectronics L6258EXTR Datasheet HTML 7Page - STMicroelectronics L6258EXTR Datasheet HTML 8Page - STMicroelectronics L6258EXTR Datasheet HTML 9Page - STMicroelectronics L6258EXTR Datasheet HTML 10Page - STMicroelectronics L6258EXTR Datasheet HTML 11Page - STMicroelectronics L6258EXTR Datasheet HTML 12Page - STMicroelectronics L6258EXTR Datasheet HTML 13Page - STMicroelectronics L6258EXTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Functional description
L6258EX
10/32
2
Functional description
The circuit is intended to drive both windings of a bipolar stepper motor or two DC motors.
The current control is generated through a switch mode regulation.
With this system the direction and the amplitude of the load current are depending on the
relation of phase and duty cycle between the two outputs of the current control loop.
The L6258EX power stage is composed by power DMOS in bridge configuration as it is
shown in Figure 4, where the bridge outputs OUT_A and OUT_B are driven to Vs with an
high level at the inputs IN_A and IN_B while are driven to ground with a low level at the
same inputs.
The zero current condition is obtained by driving the two half bridge using signals IN_A and
IN_B with the same phase and 50% of duty cycle.
In this case the outputs of the two half bridges are continuously switched between power
supply (Vs) and ground, but keeping the differential voltage across the load equal to zero.
In Figure 4 is shown the timing diagram of the two outputs and the load current for this
working condition.
Following we consider positive the current flowing into the load with a direction from OUT_A
to OUT_B, while we consider negative the current flowing into load with a direction from
OUT_B to OUT_A.
Now just increasing the duty cycle of the IN_A signal and decreasing the duty cycle of IN_B
signal we drive positive current into the load.
In this way the two outputs are not in phase, and the current can flow into the load trough the
diagonal bridge formed by T1 and T4 when the output OUT_A is driven to Vs and the output
OUT_B is driven to ground, while there will be a current recirculation into the higher side of
the bridge, through T1 and T2, when both the outputs are at Vs and a current recirculation
into the lower side of the bridge, through T3 and T4, when both the outputs are connected to
ground.
Since the voltage applied to the load for recirculation is low, the resulting current discharge
time constant is higher than the current charging time constant during the period in which
the current flows into the load through the diagonal bridge formed by T1 and T4. In this way
the load current will be positive with an average amplitude depending on the difference in
duty cycle of the two driving signals.
In Figure 4 is shown the timing diagram in the case of positive load current
On the contrary, if we want to drive negative current into the load is necessary to decrease
the duty cycle of the IN_A signal and increase the duty cycle of the IN_B signal. In this way
we obtain a phase shift between the two outputs such to have current flowing into the
diagonal bridge formed by T2 and T3 when the output OUT_A is driven to ground and
output OUT_B is driven to Vs, while we will have the same current recirculation conditions of
the previous case when both the outputs are driven to Vs or to ground.
So, in this case the load current will be negative with an average amplitude always
depending by the difference in duty cycle of the two driving signals.
In Figure 4 is shown the timing diagram in the case of negative load current.
Figure 5 shows the device block diagram of the complete current control loop.


Similar Part No. - L6258EXTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258EX STMICROELECTRONICS-L6258EX Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258EX STMICROELECTRONICS-L6258EX Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
More results

Similar Description - L6258EXTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258_07 Datasheet
314Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP_07 Datasheet
321Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
April 2000
L6258E STMICROELECTRONICS-L6258E_07 Datasheet
308Kb / 31P
   PWM controlled high current DMOS universal motor driver
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com