Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72245LB15GB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72245LB15GB
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72245LB15GB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72245LB15GB Datasheet HTML 1Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 2Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 3Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 4Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 5Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 6Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 7Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 8Page - Integrated Device Technology IDT72245LB15GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18-BIT, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
NOTES:
1. Industrial temperature range is available as standard product for the 15ns
and the 25ns speed grade.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
2766 tbl 07
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
Commercial
Com'l & Ind'l
(1)
72205LB10
72205LB15
72205LB25
72215LB10
72215LB15
72215LB25
72225LB10
72225LB15
72225LB25
72235LB10
72235LB15
72235LB25
72245LB10
72245LB15
72245LB25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
Data Access Time
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
Clock HIGH Time
4.5
6
10
ns
tCLKL
Clock LOW Time
4.5
6
10
ns
tDS
Data Set-up Time
3—4—
6—
ns
tDH
Data Hold Time
0—1—
1—
ns
tENS
Enable Set-up Time
3—4—
6—
ns
tENH
Enable Hold Time
0—1—
1—
ns
tRS
Reset Pulse Width(2)
10
15
25
ns
tRSS
Reset Set-up Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
15
20
25
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—0—
0—
ns
tOE
Output Enable to Output Valid
3638
3
12
ns
tOHZ
Output Enable to Output in High-Z(3)
3638
3
12
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAF
Clock to Programmable Almost-Full
17
24
26
ns
Flag
tPAE
Clock to Programmable Almost-Empty
17
24
26
ns
Flag
tHF
Clock to Half-Full Flag
17
24
26
ns
tXO
Clock to Expansion Out
6.5
10
15
ns
tXI
Expansion In Pulse Width
3
6.5
10
ns
tXIS
Expansion In Set-Up Time
3.5
5
10
ns
tSKEW1
Skew time between Read Clock &
5—6—
10
ns
Write Clock for Full Flag
tSKEW2
Skew time between Read Clock &
5—6—
10
ns
Write Clock for Empty Flag
Figure 1. Output Load
* Includes jig and scope capacitances.
30pF*
1.1K
5V
680
D.U.T.
2766 drw 04


Similar Part No. - IDT72245LB15GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72245LB IDT-IDT72245LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72245LB RENESAS-IDT72245LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72245LB15GB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com