Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M1003 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7M1003
Description  128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1003 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7M1003 Datasheet HTML 1Page - Integrated Device Technology IDT7M1003 Datasheet HTML 2Page - Integrated Device Technology IDT7M1003 Datasheet HTML 3Page - Integrated Device Technology IDT7M1003 Datasheet HTML 4Page - Integrated Device Technology IDT7M1003 Datasheet HTML 5Page - Integrated Device Technology IDT7M1003 Datasheet HTML 6Page - Integrated Device Technology IDT7M1003 Datasheet HTML 7Page - Integrated Device Technology IDT7M1003 Datasheet HTML 8Page - Integrated Device Technology IDT7M1003 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IDT7M1001/1003
128K/64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.5
5
AC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V
± 10%, TA = -55°C to +125°C and 0°C to +70°C)
–35
–40
–50
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
35
40
50
ns
tAA
Address Access Time
35
40
50
ns
tACS
(2)
Chip Select Access Time
35
40
50
ns
tOE
Output Enable Access Time
20
25
30
ns
tOH
Output Hold From Address Change
3
3
3
ns
tCLZ
(1)
Chip Select to Output in Low-Z
3
3
3
ns
tCHZ
(1)
Chip Deselect to Output in High-Z
20
20
25
ns
tOLZ
(1)
Output Enable to Output in Low-Z
3
3
3
ns
tOHZ
(1)
Output Disable to Output in High-Z
20
20
25
ns
tPU
(1)
Chip Select to Power-Up Time
0
0
0
ns
tPD
(1)
Chip Disable to Power-Down Time
50
50
50
ns
tSOP
SEM Flag Update Pulse (OE or SEM)
15
15
15
ns
Write Cycle
tWC
Write Cycle Time
35
40
50
ns
tCW
(2)
Chip Select to End-of-Write
30
35
40
ns
tAW
Address Valid to End-of-Write
30
35
40
ns
tAS1
(3)
Address Set-up to Write Pulse Time
5
5
5
ns
tAS2
Address Set-up to
CS Time
0
0
0
ns
tWP
Write Pulse Width
30
35
40
ns
tWR
(4)
Write Recovery Time
0
0
0
ns
tDW
Data Valid to End-of-Write
25
30
35
ns
tDH
(4)
Data Hold Time
0
0
0
ns
tOHZ
(1)
Output Disable to Output in High-Z
20
20
25
ns
tWHZ
(1)
Write Enable to Output in High-Z
20
20
25
ns
tOW
(1, 4)
Output Active from End-of-Write
0
0
0
ns
tSWRD
SEM Flag Write to Read Time
15
15
15
ns
tSPS
SEM Flag Contention Window
15
15
15
ns
Port-to-Port Delay Timing
tWDD
(5)
Write Pulse to Data Delay
60
65
70
ns
tDDD
(5)
Write Data Valid to Read Data Valid
45
50
55
ns
NOTES:
1. This parameter is guaranteed by design but not tested.
2. To access RAM
CS ≤ VIL and SEM ≥ VIH. To access semaphore, CS ≥ VIH and SEM ≤ VIL.
3. tAS1= 0 if R/
W is asserted LOW simultaneously with or after the CS LOW transition.
4. For
CS controlled write cycles, tWR= 5ns, tDH= 5ns, tOW= 5ns.
5. Port-to-Port delay through the RAM cells from the writing port to the reading port.
2804 tbl 09


Similar Part No. - IDT7M1003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30G IDT-IDT7M1002S30G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30GB IDT-IDT7M1002S30GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35G IDT-IDT7M1002S35G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35GB IDT-IDT7M1002S35GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1003

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com