Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M1001S35C Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7M1001S35C
Description  128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1001S35C Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7M1001S35C Datasheet HTML 1Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 2Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 3Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 4Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 5Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 6Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 7Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 8Page - Integrated Device Technology IDT7M1001S35C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated Device Technology, Inc.
FEATURES
• High-density 1M/512K CMOS Dual-Port Static RAM
module
• Fast access times:
—Commercial 35, 40ns
—Military 40, 50ns
• Fully asynchronous read/write operation from either port
• Full on-chip hardware support of semaphore signaling
between ports
• Surface mounted LCC (leadless chip carriers) compo-
nents on a 64-pin sidebraze DIP (Dual In-line Package)
• Multiple Vcc and GND pins for maximum noise immunity
• Single 5V (
±10%) power supply
• Input/outputs directly TTL-compatible
DESCRIPTION:
The IDT7M1001/IDT7M1003 is a 128K x 8/64K x 8 high-
speed CMOS Dual-Port Static RAM module constructed on a
multilayer ceramic substrate using eight IDT7006 (16K x 8)
Dual-Port RAMs and two IDT FCT138 decoders or depopu-
lated using only four IDT7006s and two decoders.
This module provides two independent ports with separate
control, address, and I/O pins that permit independent and
asynchronous access for reads or writes to any location in
memory. System performance is enhanced by facilitating
port-to-port communication via semaphore (
SEM) “hand-
shake” signaling. The IDT7M1001/1003 module is designed
to be used as stand-alone Dual-Port RAM where on-chip
hardware port arbitration is not needed. It is the users re-
sponsibility to ensure data integrity when simultaneously
accessing the same memory location from both ports.
The IDT7M1001/1003 module is packaged on a multilayer
co-fired ceramic 64-pin DIP (Dual In-line Package) with di-
mensions of only 3.2" x 0.62" x 0.38". Maximum access times
as fast as 35ns over the commercial temperature range are
available.
All inputs and outputs of the IDT7M1001/1003 are TTL-
compatible and operate from a single 5V supply. Fully asyn-
chronous circuitry is used, requiring no clocks or refreshing for
operation of the module.
All IDT military module semiconductor components are
manufacured in compliance with the latest revision of MIL-
STD-883, Class B, making them ideally suited to applications
demanding the highest level of performance and reliability.
128K x 8
64K x 8
CMOS DUAL-PORT
STATIC RAM MODULE
IDT7M1001
IDT7M1003
Left Port
Right Port
Description
A (0–16)L
A (0–16)R
Address Inputs
I/O (0–7)L
I/O (0–7)R
Data Inputs/Outputs
R/
WL
R/
WR
Read/Write Enables
CSL
CSR
Chip Select
OEL
OER
Output Enable
SEML
SEMR
Semaphore Control
VCC
Power
GND
Ground
2804 tbl 01
PIN CONFIGURATION(1)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MARCH 1995
©1995 Integrated Device Technology, Inc.
DSC-7066/5
7.5
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
®
PIN NAMES
DIP
TOP VIEW
A11R
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
A10R
A12R
A13R
A14R
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
GND
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
A10L
A11L
A12L
I/O 0L
I/O 1L
I/O 2L
I/O 3L
I/O 4L
I/O 5L
I/O 6L
I/O 7L
GND
A13L
CSL
R/
WL
OEL
CSR
R/
WR
OER
VCC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
30
31
32
58
57
56
55
54
53
52
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
60
59
61
62
63
64
VCC
SEML
A14L
A15L
A16L
GND
SEMR
GND
A15R
A16R
51
2804 drw 01
NOTE:
1. For the IDT7M1003 (64K x 8) version, Pins 23 and 43 must be connected
to GND for proper operation of the module.


Similar Part No. - IDT7M1001S35C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30G IDT-IDT7M1002S30G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30GB IDT-IDT7M1002S30GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35G IDT-IDT7M1002S35G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35GB IDT-IDT7M1002S35GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1001S35C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com