Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT521CSOB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT521CSOB
Description  FAST CMOS 8-BIT IDENTITY COMPARATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT521CSOB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT521CSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT521CSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT521CSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT521CSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT521CSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT521CSOB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
MILITARYANDCOMMERCIALTEMPERATURERANGES
IDT54/74FCT521/A/B/C
FAST CMOS 8-BIT IDENTITY COMPARATOR
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
ID T
XX
Tem p. R ange
XXXX
Device Type
XX
Package
X
Process
SO
Com m ercial O ptions
Sm all O utline IC (SO 20-2)
Fast C M O S 8-Bit Identity C om parator
54
74
– 55°C to +125°C
– 0°C to +70°C
D
E
L
M ilitary O ptions
CER DIP (D20-1)
CER PAC K (E20-1)
Leadless Chip Carrier (L20-2)
Blank
B
Com m ercial
M IL-STD-883, C lass B
FC T
521
521A
521B
521C


Similar Part No. - IDT74FCT521CSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT521CT IDT-IDT74FCT521CT Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521CT IDT-IDT74FCT521CT Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521CTD IDT-IDT74FCT521CTD Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521CTDB IDT-IDT74FCT521CTDB Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
IDT74FCT521CTE IDT-IDT74FCT521CTE Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
More results

Similar Description - IDT74FCT521CSOB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT521AT RENESAS-74FCT521AT Datasheet
163Kb / 7P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
Feb.11.20
logo
Integrated Device Techn...
IDT74FCT521T IDT-IDT74FCT521T Datasheet
100Kb / 5P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Pericom Semiconductor C...
PI74FCT521 PERICOM-PI74FCT521 Datasheet
44Kb / 4P
   Fast CMOS 8-Bit Identity Comparator
logo
Integrated Device Techn...
IDT74FCT521AT IDT-IDT74FCT521AT Datasheet
84Kb / 6P
   FAST CMOS 8-BIT IDENTITY COMPARATOR
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com