Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT841BSO Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT841BSO
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT841BSO Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT841BSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT841BSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT841BSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT841BSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT841BSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT841BSO Datasheet HTML 6Page - Integrated Device Technology IDT74FCT841BSO Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7.22
6
IDT54/74FCT841A/B/C
HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
DEFINITIONS:
2607 tbl 08
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
2607 drw 04


Similar Part No. - IDT74FCT841BSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT841BT IDT-IDT74FCT841BT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTD IDT-IDT74FCT841BTD Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTDB IDT-IDT74FCT841BTDB Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTE IDT-IDT74FCT841BTE Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTEB IDT-IDT74FCT841BTEB Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
More results

Similar Description - IDT74FCT841BSO

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
   Bus interface latches
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com