Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79RV4650100MS Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT79RV4650100MS
Description  Low-Cost 64-bit RISController w/DSP Capability
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV4650100MS Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT79RV4650100MS Datasheet HTML 5Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 6Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 7Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 8Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 9Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 10Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 11Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 12Page - Integrated Device Technology IDT79RV4650100MS Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9 of 25
March 28, 2000
IDT79RC4650™
The following is a list of the supported external requests:
x Read Response
x Null
%RRW07LPH#2SWLRQV
%RRW07LPH#2SWLRQV
%RRW07LPH#2SWLRQV
%RRW07LPH#2SWLRQV
Fundamental operational modes for the processor are initialized by
the boot-time mode control interface. The boot-time mode control inter-
face is a serial interface operating at a very low frequency (MasterClock
divided by 256). The low-frequency operation allows the initialization
information to be kept in a low-cost EPROM; alternatively the twenty-or-
so bits could be generated by the system interface ASIC or a simple
PAL.
To initialize all fundamental, operational modes, immediately after the
VCCOK
signal is asserted, the processor reads a serial bit stream of 256
bits. After initialization is complete, the processor continues to drive the
serial clock output, but no further initialization bits are read.
%RRW07LPH#0RGHV
%RRW07LPH#0RGHV
%RRW07LPH#0RGHV
%RRW07LPH#0RGHV
The boot-time serial mode stream is defined in Table 5. Bit 0 is the bit
presented to the processor when VCCOK is asserted; bit 255 is the last.
3RZHU#0DQDJHPHQW
3RZHU#0DQDJHPHQW
3RZHU#0DQDJHPHQW
3RZHU#0DQDJHPHQW
CP0 is also used to control the power management for the RC4650.
This is the standby mode and it can be used to reduce the power
consumption of the internal core of the CPU. The standby mode is
entered by executing the WAIT instruction with the SysAD bus idle and
is exited by any interrupt.
6WDQGE\#0RGH#2SHUDWLRQ
6WDQGE\#0RGH#2SHUDWLRQ
6WDQGE\#0RGH#2SHUDWLRQ
6WDQGE\#0RGH#2SHUDWLRQ
The RC4650 provides a means to reduce the amount of power
consumed by the internal core when the CPU would otherwise not be
performing any useful operations. This is known as “Standby Mode.”
(QWHULQJ#6WDQGE\#0RGH
(QWHULQJ#6WDQGE\#0RGH
(QWHULQJ#6WDQGE\#0RGH
(QWHULQJ#6WDQGE\#0RGH
Executing the WAIT instruction enables interrupts and enters
Standby mode. When the WAIT instruction finishes the W pipe-stage, if
the SysAd bus is currently idle, the internal clocks will shut down, thus
freezing the pipeline. The PLL, internal timer, and some of the input pins
(Int[5:0]*, NMI*, ExtReq*, Reset*, and ColdReset*) will continue to run. If
the conditions are not correct when the WAIT instruction finishes the W
pipe-stage (i.e. the SysAd bus is not idle), the WAIT is treated as a NOP.
Once the CPU is in Standby Mode, any interrupt, including the inter-
nally generated timer interrupt, will cause the CPU to exit Standby
Mode.
7KHUPDO#&RQVLGHUDWLRQV
7KHUPDO#&RQVLGHUDWLRQV
7KHUPDO#&RQVLGHUDWLRQV
7KHUPDO#&RQVLGHUDWLRQV
The RC4650 utilizes special packaging techniques to improve the
thermal properties of high-speed processors. The RC4650 is packaged
using cavity down packaging in a 208-pin QFP (DP). The QFP package
allows for an efficient thermal transfer between the die and the case.
The R4650 and the RV4650 are guaranteed in a case temperature
range of 0
°C to +85°C for commercial temperature parts and in a case
temperature range of -40
°C to +85°C for industrial temperature parts.
The type of package, speed (power) of the device, and airflow conditions
affect the equivalent ambient temperature conditions that will meet this
specification. The equivalent allowable ambient temperature, TA, can be
0RGH#ELW
'HVFULSWLRQ
255..15
Must be zero
14..13
Output driver strength:
10
→ 100% strength (fastest)
11
→ 83% strength
00
→ 67% strength
01
→ 50% strength (slowest)
11
Disable the timer interrupt on Int[5]
12
0
→ 64-bit system interface
1
→ 32-bit system interface
10..9
00
→ RC4000 compatible
01
→ reserved
10
→ pipelined writes
11
→ write re-issue
80
→ Little endian
1
→ Big endian
7..5
Clock multiplier:
0
→ 2
1
→ 3
2
→ 4
3
→ 5
4
→ 6
5
→ 7
6
→ 8
7 reserved
4..1
Writeback data rate:
64-bit
0
→ ∆
1
→ DDx
2
→ DDxx
3
→ DxDx
4
→ DDxxx
5
→ DDxxxx
6
→ DxxDxx
7
→ DDxxxxxx
8
→ DxxxDxxx
9-15 reserved
32-bit
0
→ Ω
1
→ WWx
2
→ WWxx
3
→ WxWx
4
→ WWxxx
5
→ WWxxxx
6
→ WxxWxx
7
→ WWxxxxxx
8
→ WxxxWxxx
9-15 reserved
0
Reserved (must be zero)
Table 5 Boot-time mode stream


Similar Part No. - IDT79RV4650100MS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV4640-100DU IDT-IDT79RV4640-100DU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DUI IDT-IDT79RV4640-100DUI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DZ IDT-IDT79RV4640-100DZ Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DZI IDT-IDT79RV4640-100DZI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100MU IDT-IDT79RV4640-100MU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - IDT79RV4650100MS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
logo
Freescale Semiconductor...
MSC7118 FREESCALE-MSC7118 Datasheet
776Kb / 60P
   Low-Cost 16-bit DSP with DDR Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com