Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C30T10Q-11A Datasheet(PDF) 1 Page - National Instruments Corporation

Part # C30T10Q-11A
Description  SBD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

C30T10Q-11A Datasheet(HTML) 1 Page - National Instruments Corporation

  C30T10Q-11A Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
■定格・特性曲線
496
■APPROX. NET WEIGHT:1.45g
100
C30T10Q-11A
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
C30T10Q/C30T10Q-11A (per Arm)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
1
2
5
10
20
50
100
(A)
Tj=25˚
C
Tj=150˚
C
FIG.1
AVERAGE REVERSE POWER DISSIPATION
平 均 逆 電 力 損 失
C30T10Q/C30T10Q-11A (Total)
020
406080
100
120
REVERSE VOLTAGE (V)
逆 電 圧 (V)
0
1
2
3
4
5
(W)
RECT 180˚
SINE WAVE
FIG.4
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
平 均 順 電 流 − ケ ー ス 温 度 定 格
C30T10Q/C30T10Q-11A (Total)
V RM= 100V
025
5075
100
125
150
CASE TEMPERATURE (˚C )
ケ ー ス 温 度 (℃)
0
5
10
15
20
25
30
35
(A)
SINE WAVE
RECT 180˚
180˚
通流角
CONDUCTION ANGLE
θ
FIG.5
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
C30T10Q/C30T10Q-11A
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
50
100
150
200
250
300
(A)
0.02s
IFSM
FIG.6
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
接 合 容 量 特 性
C30T10Q/C30T10Q-11A (per Arm)
Tj=2 5,V m =20m V RMS,f=100 kHz,Typica l V alue
0.5
1
2
5
10
20
50
100
200
REVERSE VOLTAGE (V)
逆 電 圧 (V)
50
100
200
500
1000
(pF)
FIG.7
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
05
10
15
20
25
30
35
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
5
10
15
20
25
30
(W)
C30T10Q/C30T10Q-11A (Total)
SINE WAVE
RECT 180˚
0˚
180˚
通流角
CONDUCTION ANGLE
θ
FIG.2
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
ピーク逆電流 − ピーク逆電圧特性
C30T10Q/C30T10Q-11A (per Arm)
Tj= 150
020
406080
100
120
PEAK REVERSE VOLTAGE (V)
ピ ー ク 逆 電 圧 (V)
10
20
50
(mA)
FIG.3
■電気的・熱的特性 Electrical/ Thermal Characteristics
■最大定格 Maximum Ratings
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
ピーク順電圧
Peak Forward Voltage
Tj=25℃, IFM=15A,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
2
mA
0.88
V
1.5
℃/W
R th(j-c)
Symbol
I RM
V FM
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
100
平均整流電流
Average Rectified Forward Current
I O
Tc=105℃
30
実効順電流
R.M.S. Forward Current
I F(RMS)
33.3
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
250
50Hz正弦全波,1サイクル,非くり返し
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150


Similar Part No. - C30T10Q-11A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
C30T10Q-11A NIEC-C30T10Q-11A Datasheet
54Kb / 6P
   Schottky Barrier Diode
More results

Similar Description - C30T10Q-11A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
   SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GCH30A10 NI-GCH30A10_15 Datasheet
129Kb / 1P
   SBD
GCQ20A04 NI-GCQ20A04_15 Datasheet
130Kb / 1P
   SBD
GCQ30A03L NI-GCQ30A03L_15 Datasheet
130Kb / 1P
   SBD
GCQ30A06 NI-GCQ30A06_15 Datasheet
129Kb / 1P
   SBD
KSQ30A06B NI-KSQ30A06B_15 Datasheet
125Kb / 1P
   SBD
KSQ60A03LB NI-KSQ60A03LB_15 Datasheet
98Kb / 1P
   SBD
KSQ60A04E NI-KSQ60A04E_15 Datasheet
103Kb / 1P
   SBD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com