Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD783 Datasheet(PDF) 3 Page - Analog Devices

Part # AD783
Description  Complete Very High Speed Sample and Hold Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD783 Datasheet(HTML) 3 Page - Analog Devices

  AD783_15 Datasheet HTML 1Page - Analog Devices AD783_15 Datasheet HTML 2Page - Analog Devices AD783_15 Datasheet HTML 3Page - Analog Devices AD783_15 Datasheet HTML 4Page - Analog Devices AD783_15 Datasheet HTML 5Page - Analog Devices AD783_15 Datasheet HTML 6Page - Analog Devices AD783_15 Datasheet HTML 7Page - Analog Devices AD783_15 Datasheet HTML 8Page - Analog Devices AD783_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AD783
–3–
HOLD MODE AC SPECIFICATIONS
AD783J
Parameter
Min
Typ
Max
Units
TOTAL HARMONIC DISTORTION
fIN = 100 kHz
–85
–80
dB
fIN = 500 kHz
–72
dB
SIGNAL-TO-NOISE AND DISTORTION
fIN = 100 kHz
77
dB
fIN = 500 kHz
70
dB
INTERMODULATION DISTORTION
(F1 = 99 kHz, F2 = 100 kHz)
Second Order Products
–80
dB
Third Order Products
–85
dB
NOTES
1f
IN amplitude = 0 dB and fSAMPLE = 300 kHz unless otherwise indicated.
Specifications subject to change without notice.
(TMIN to TMAX with VCC = +5 V
5%, VEE = –5 V
5%, CL = 50 pF, unless otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
With
Spec
Respect to
Min
Max
Units
VCC
COM
–0.5
+6.5
V
VEE
COM
–6.5
+0.5
V
Analog Input
COM
–6.5
+6.5
V
Digital Input
COM
–0.5
+6.5
V
Output Short Circuit to
Ground, VCC, or VEE
Indefinite
Maximum Junction
Temperature
+175
°C
Storage
–65
+150
°C
Lead Temperature
(10 sec max)
+300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied.
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD783
VCC
IN
COMMON
NC
OUT
NC
VEE
S/H
NC = NO CONNECT
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD783 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
REV. B


Similar Part No. - AD783_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834AN AD-AD7834AN Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834AR AD-AD7834AR Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834BN AD-AD7834BN Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834BR AD-AD7834BR Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
More results

Similar Description - AD783_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD783 AD-AD783 Datasheet
131Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
   Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
Analog Devices
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
   Complete 700 ns Sample-and-hold amplifier
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
   Complete 700 ns Sample and Hold Amplifier
REV. A
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
NXP Semiconductors
TDA1535B PHILIPS-TDA1535B Datasheet
237Kb / 6P
   HIGH-SPEED SINGLE SAMPLE-AND-HOLD AMPLIFIER
March 1991
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com