Electronic Components Datasheet Search |
|
RD9.1EAB1 Datasheet(PDF) 1 Page - NEC |
|
RD9.1EAB1 Datasheet(HTML) 1 Page - NEC |
1 / 8 page 400 mW DHD ZENER DIODE (DO-34) DESCRIPTION NEC Type RD2.0ES to RD39ES Series are planar type diodes into DO-34 Package (Body length 2.4 mm MAX.) with DHD (Double Heatsink Diode) construction having allowable power dissipation of 400 mW. FEATURES • DO-34 Glass sealed package This diode can be inserted into a PC board with a shorter pitch (5 mm) • Planar process • DHD (Double Heatsink Diode) construction •VZ Applied E24 standard ORDERING INFORMATION RD2.0ES to RD39ES with suffix "AB1", "AB2", or "AB3" should be applied for orders for suffix "AB". APPLICATIONS Circuits for Constant Voltage, Constant Current, Waveform clipper, Surge absorber, etc. ABSOLUTE MAXIMUM RATINGS (TA = 25 °C) Forward Current IF 150 mA Power Dissipation P 400 mW to see Fig. 6 Surge Reverse Power PRSM 100 W (t = 10 µs) to see Fig. 10 Junction Temperature Tj 175 °C Storage Temperature Tstg –65 to +175 °C ZENER DIODES RD2.0ES to RD39ES Document No. D13935EJ6V0DS00 (6th edition) (Previous No. DC-2140) Date Published March 1999 N CP(K) Printed in Japan © 1984 DATA SHEET 0.4 Cathode indication 2.0 MAX. DO-34 (JEDEC) Marking color: Black PACKAGE DIMENSIONS (in millimeters) φ φ 5 mm The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local NEC representative for availability and additional information. |
Similar Part No. - RD9.1EAB1 |
|
Similar Description - RD9.1EAB1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |