Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M1024S30G Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7M1024S30G
Description  4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1024S30G Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7M1024S30G Datasheet HTML 1Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 2Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 3Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 4Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 5Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 6Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 7Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7.4
4
IDT7M1024
4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5V
± 10%)
IDT7M1024SxxG, IDT7M1024SxxGB
–20
–25
–30
Symbol
Parameter
Test Condition
Version
Typ. Max.
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic
CE ≤ VIL
Mil.
1480
1440
mA
Operating
Outputs Open
Current (Both
f = fMAX
(1)
Com’l.
1440
1360
Ports Active)
ISB1
Standby
L_
CE and
Mil.
680
560
mA
Current (Both
R_
CE ≥ VIH
Ports—TTL
f = fMAX
(1)
Com’l.
720
640
Level Inputs)
ISB2
Standby
L_
CE or R_CE ≥ VIH
Mil.
1080
1000
mA
Current (One
Active Port
Port—TTL
Outputs Open,
Com’l.
1080
1000
Level Inputs)
f = fMAX
(1)
ISB3
Full Standby
Both Ports R_
CE
Mil.
80
80
mA
Current (Both
and L_
CE ≥ VCC – 0.2V
Ports—CMOS VIN
≥ VCC – 0.2V
Com’l.
80
80
Level Inputs)
or VIN
≤ 0.2V, f = 0(2)
ISB4
Full Standby
One Port L_
CE or R_CE ≥
Mil.
1040
960
mA
Current (One
VCC – 0.2V, VIN
≥ VCC – 0.2V
Port—CMOS
or VIN
≤ 0.2V, Active Port
Com’l.
1040
960
Level Inputs)
Outputs Open, f = fMAX
(1)
NOTES:
2809 tbl 09
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCLK, and using “AC TEST
CONDITIONS” of input levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to inputs at CMOS level standby.
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
IDT7M1024
Symbol
Parameter
Test Condition
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = 5.5V, VIN = 0V to VCC
—40
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10
µA
VOL
Output LOW Voltage
IOL = 4mA
0.4
V
VOH
Output HIGH Voltage
IOH = –4mA
2.4
V
2809 tbl 08


Similar Part No. - IDT7M1024S30G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1024S30G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1014 IDT-IDT7M1014 Datasheet
85Kb / 8P
   4K x 36 BiCMOS DUAL-PORT STATIC RAM MODULE
logo
Cypress Semiconductor
CY7C09349A CYPRESS-CY7C09349A Datasheet
337Kb / 17P
   4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com