Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M1024S30G Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7M1024S30G
Description  4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1024S30G Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT7M1024S30G Datasheet HTML 1Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 2Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 3Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 4Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 5Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 6Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 7Page - Integrated Device Technology IDT7M1024S30G Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7.4
8
IDT7M1024
4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PACKAGE DIMENSIONS
ORDERING INFORMATION
2809 drw 10
TOP VIEW
BOTTOM VIEW
1.327
1.353
1.327
1.353
SIDE VIEW
0.045
0.055
0.015
0.021
0.195 MAX
0.125
0.135
0.050 TYP
0.100 TYP
PIN A1
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
B
Commercial (0
°C to +70°C)
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
G
Ceramic Pin Grid Array
20
25
30
XXXX
Device
Type
IDT
Speed in Nanoseconds
2809 drw 11
S
Standard Power
7M1024
4K x 36-Bit Synchronous Dual-Port RAM Module
Commercial Only
Military Only


Similar Part No. - IDT7M1024S30G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1024S30G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1014 IDT-IDT7M1014 Datasheet
85Kb / 8P
   4K x 36 BiCMOS DUAL-PORT STATIC RAM MODULE
logo
Cypress Semiconductor
CY7C09349A CYPRESS-CY7C09349A Datasheet
337Kb / 17P
   4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV Datasheet
321Kb / 16P
   3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com