Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3384 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS3384
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3384 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS3384 Datasheet HTML 1Page - Integrated Device Technology IDTQS3384 Datasheet HTML 2Page - Integrated Device Technology IDTQS3384 Datasheet HTML 3Page - Integrated Device Technology IDTQS3384 Datasheet HTML 4Page - Integrated Device Technology IDTQS3384 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS3384
HIGH-SPEED CMOS 10-BIT BUS SWITCH
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Supply Voltage to Ground
–0.5 to +7
V
VTERM(3) DC Switch Voltage VS
–0.5 to +7
V
VTERM(3) DC Input Voltage VIN
–0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤20ns)
–3
V
IOUT
DC Output Current
120
mA
PMAX
Maximum Power Dissipation (TA = 85°C)
0.5
W
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High-Impedance
BEA
BEB
B0 - A4
B5 - B9
Function
H
H
Hi-Z
Hi-Z
Disconnect
LH
A0 - A4
Hi-Z
Connect
H
L
Hi-Z
A5 - A9
Connect
LL
A0 - A4
A5 - A9
Connect
FUNCTION TABLE(1)
Pins
Typ.
Max.(1)
Unit
ControlInputs
3
5
pF
Quickswitch Channels (Switch OFF)
5
7
pF
CAPACITANCE (TA= +25°C, f = 1MHz, VIN= 0V, VOUT = 0V)
NOTE:
1. This parameter is guaranteed but not production tested.
Pin Names
I/O
Description
A0 - A9
I/O
Bus A
B0 - B9
I/O
Bus B
BEA, BEB
I
Bus Switch Enable
PIN DESCRIPTION
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC .
SOIC/ QSOP/ TSSOP
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BEA
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
GND
VCC
B9
A9
A8
B8
B7
A7
A6
B6
B5
A5
BEB


Similar Part No. - IDTQS3384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3384 IDT-IDTQS3384 Datasheet
229Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3384 IDT-IDTQS3384 Datasheet
218Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3384 RENESAS-IDTQS3384 Datasheet
374Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
OCTOBER 2011
More results

Similar Description - IDTQS3384

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32384 IDT-IDTQS32384 Datasheet
41Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS3383 IDT-IDTQS3383 Datasheet
43Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3384 RENESAS-IDTQS3384 Datasheet
374Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
logo
Integrated Device Techn...
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245_15 Datasheet
219Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com