Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M1001S50CB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7M1001S50CB
Description  128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1001S50CB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7M1001S50CB Datasheet HTML 3Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 4Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 5Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 6Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 7Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 8Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 9Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 10Page - Integrated Device Technology IDT7M1001S50CB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
7.5
10
IDT7M1001/1003
128K/64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PACKAGE DIMENSIONS
7M1001
7M1003
TOP VIEW
BOTTOM VIEW
SIDE VIEW
PIN1
0.380
MAX.
0.015
0.022
0.035
0.060
0.100
TYP.
0.007
0.013
3.190
3.210
0.605
0.625
0.615
0.635
0.125
0.175
0.010
0.070
0.310
MAX.
SIDE VIEW
2804 drw 13
2804 drw 14
TOP VIEW
BOTTOM VIEW
SIDE VIEW
PIN1
0.380
MAX.
0.015
0.022
0.035
0.060
0.100
TYP.
0.007
0.013
3.190
3.210
0.605
0.625
0.615
0.635
0.125
0.175
0.010
0.050
0.330
MAX.
SIDE VIEW


Similar Part No. - IDT7M1001S50CB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30G IDT-IDT7M1002S30G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30GB IDT-IDT7M1002S30GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35G IDT-IDT7M1002S35G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35GB IDT-IDT7M1002S35GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1001S50CB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com