Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMK212B7153KGHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # QMK212B7153KGHT
Description  Medium-High Voltage MLCC for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QMK212B7153KGHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QMK212B7153KGHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QMK212B7153KGHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Medium-High Voltage MLCC for Automotive / Industrial Applications
QMK212B7153KGHT
Features
Item Summary
250V, X7R, 0.015μF, ±10%, 0805
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Rated Voltage (max)
250V
Capacitance
0.015μF
Capacitance Tolerance
±10%
Resistance
100 MΩ・μF min.
Dielectric Loss Tangent
2.5%MAX
Temperature Characteristics (EIA/JIS)
X7R/-
Temperature Range (EIA/JIS)
-55 to +125℃/-
Capacitance Change (EIA/JIS)
±15/-%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.0mm ±0.10
W
1.25mm ±0.10
T
1.25mm ±0.10
e
0.5mm ±0.25
2015.02.03
1 / 1


Similar Part No. - QMK212B7153KGHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QMK212B7153KG-T TAIYO-YUDEN-QMK212B7153KG-T Datasheet
315Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK212B7153KG8T TAIYO-YUDEN-QMK212B7153KG8T Datasheet
403Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - QMK212B7153KGHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QMK316B7683MLHT TAIYO-YUDEN-QMK316B7683MLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
SMK316B7223KLHT TAIYO-YUDEN-SMK316B7223KLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
SMK325B7223KNHT TAIYO-YUDEN-SMK325B7223KNHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
SMK432B7104MMHT TAIYO-YUDEN-SMK432B7104MMHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
QMK325B7224KNHT TAIYO-YUDEN-QMK325B7224KNHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK107B7102KAHT TAIYO-YUDEN-HMK107B7102KAHT Datasheet
288Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK107B7682KAHT TAIYO-YUDEN-HMK107B7682KAHT Datasheet
288Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK212B7223KGHT TAIYO-YUDEN-HMK212B7223KGHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK316B7104MLHT TAIYO-YUDEN-HMK316B7104MLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK316B7473KLHT TAIYO-YUDEN-HMK316B7473KLHT Datasheet
291Kb / 2P
   Medium-High Voltage MLCC for Automotive
HMK325B7105KNHT TAIYO-YUDEN-HMK325B7105KNHT Datasheet
290Kb / 2P
   Medium-High Voltage MLCC for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com