Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT16H501ETPF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT54FCT16H501ETPF
Description  FAST CMOS 18-BIT REGISTERED TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16H501ETPF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT54FCT16H501ETPF Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16H501ETPF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
5.10
DSC-2547/8
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDT54/74FCT16501AT/CT/ET
IDT54/74FCT162501AT/CT/ET
IDT54/74FCT162H501AT/CT/ET
FAST CMOS
18-BIT REGISTERED
TRANSCEIVER
CMOS technology. These high-speed, low-power 18-bit reg-
istered bus transceivers combine D-type latches and D-type
flip-flops to allow data flow in transparent, latched and clocked
modes. Data flow in each direction is controlled by output-
enable (OEAB and
OEBA), latch enable (LEAB and LEBA)
and clock (CLKAB and CLKBA) inputs. For A-to-B data flow,
the device operates in transparent mode when LEAB is HIGH.
When LEAB is LOW, the A data is latched if CLKAB is held at
a HIGH or LOW logic level. If LEAB is LOW, the A bus data
is stored in the latch/flip-flop on the LOW-to-HIGH transition of
CLKAB. OEAB is the output enable for the B port. Data flow
from the B port to the A port is similar but requires using
OEBA,
LEBA and CLKBA. Flow-through organization of signal pins
simplifies layout. All inputs are designed with hysteresis for
improved noise margin.
The FCT16501AT/CT/ET are ideally suited for driving
high-capacitance loads and low-impedance backplanes. The
output buffers are designed with power off disable capability
to allow "live insertion" of boards when used as backplane
drivers.
The FCT162501AT/CT/ET have balanced output drive
with current limiting resistors. This offers low ground bounce,
minimal undershoot, and controlled output fall times–reducing
the need for external series terminating resistors.
The
FCT162501AT/CT/ET are plug-in replacements for the
FCT16501AT/CT/ET and ABT16501 for on-board bus inter-
face applications.
The FCT162H501AT/CT/ET have "Bus Hold" which re-
tains the input's last state whenever the input goes to high
impedance. This prevents "floating" inputs and eliminates the
need for pull-up/down resistors.
DESCRIPTION:
The FCT16501AT/CT/ET and FCT162501AT/CT/ET 18-
bit registered transceivers are built using advanced dual metal
2547 drw 01
OEBA
CLKBA
LEBA
OEAB
CLKAB
LEAB
B1
A1
C
C
D
D
D
C
D
C
TO 17 OTHER CHANNELS
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤ 1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
• Features for FCT16501AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162501AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C
• Features for FCT162H501AT/CT/ET:
Bus Hold retains last active bus state during 3-state
Eliminates the need for external pull up resistors


Similar Part No. - IDT54FCT16H501ETPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16H244ATE IDT-IDT54FCT16H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATEB IDT-IDT54FCT16H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATPA IDT-IDT54FCT16H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATPAB IDT-IDT54FCT16H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATPF IDT-IDT54FCT16H244ATPF Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT16H501ETPF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com